Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4464 Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # ACT4464
Description  ACT 4458 / 4464 SINGLE SUPPLY TRANSCEIVERS FOR MIL-STD-1553/1760
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4464 Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

  ACT4464 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4464 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4464 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4464 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4464 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4464 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4464 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT4464 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Aeroflex Circuit Technology
SCD4458 REV A 1/29/98 Plainview NY (516) 694-6700
6
TX DATA IN
BUS OUT
RX DATA OUT
RX DATA OUT
Figure 8 ACTUAL HYBRID WAVEFORMS* — 25°C TYPICAL
START OF WORD – 33 WORD TRANSMISSION
Point A–A'
See Figure 5
CH 2
CH 1
CH 3
CH 4
END OF WORD – 33 WORD TRANSMISSION
TX DATA IN
BUS OUT
RX DATA OUT
RX DATA OUT
Point A–A'
See Figure 5
* Oscilloscope used is a TEK TDS540 with Probe 6139A.
CH 2
CH 1
CH 3
CH 4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com