Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5026 Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # ACT5026
Description  ACT5026 10 AMP 3-PHASE BRUSHLESS DC MOTOR CONTROLLER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT5026 Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  ACT5026 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT5026 Datasheet HTML 2Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Aeroflex Circuit Technology
SCD5026 REV A 8/21/98 Plainview NY (516) 694-6700
Pinout Descriptions
PIN Number
FUNCTION
1
+15V OUTPUT
2
EXTERNAL CAP +
3
EXTERNAL CAP -
4
-15V OUTPUT
8
COMMUTATOR INPUT A
7
COMMUTATOR INPUT B
6
COMMUTATOR INPUT C
13
CURRENT MONITOR OUT
15
CURRENT COMMAND (+)
14
CURRENT COMMAND RETURN (-)
17
MOTOR DRIVE OUTPUT A
18
MOTOR DRIVE OUTPUT B
19
MOTOR DRIVE OUTPUT C
20
V SUPPLY
10
V RETURN SIGNAL
16
V RETURN PWR
5
CLOCK
12
LOOP COMPENSATION, ERROR AMP OUTPUT
9
LOOP COMPENSATION, ERROR AMP SUMMING NODE
11
PWM INPUT
Aeroflex Circuit Technology
35 South Service Road
Plainview New York 11830
FAX:
(516) 694-6715
Toll Free Inquiries: 1-(800) 843-1553
Telephone: (516) 694-6700
Specifications subject to change without notice
ACT 5026
88379
MADE IN U.S.A.
XXXX
1.300
1.700
2.200
1.125
.125
TYP
.280
TYP
1.950
1.050
.287
±.010
.250
±.010
(9 Spaces at .125)
Ø
.125
(2 Holes)
1.550
±.020
.045
.600
±.020
.155
Ø
.040
TYP
.275
MAX
Z
Package Outline Drawing
CIRCUIT TECHNOLOGY



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com