Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5026 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # ACT5026
Description  ACT5026 10 AMP 3-PHASE BRUSHLESS DC MOTOR CONTROLLER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT5026 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  ACT5026 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT5026 Datasheet HTML 2Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CIRCUIT TECHNOLOGY
www.aeroflex.com
eroflex Circuit T
echnology – Motor Driver Modules For The Future © SCD5026 REV A 8/21/98
Features
s
V Supply 28V to 40V
s
10 Amps Continuous Current (Up to 85°C)
s
Package Size 1.7" x 1.3" x 0.275"
s
4 Quadrant Control
s
3 Phase Commutational Logic
s
±15VDC Regulators for External & Internal Use
s
Military Processing Available
s
MIL-PRF-38534 Compliant Circuits Available
s
Full Military (-55°C to +125°C) Temperature Range
General Description
The ACT5026 combines a high power MOSFET 3 phase H-bridge output stage with all of the control circuitry
required to form a closed loop motor controller. The input command voltage linearly controls the motor
current with a scale-factor of 2 Amps per volt and a small-signal bandwidth of 2KHz.
Input command
polarity determines Motor direction. Only one supply is necessary due to the internal regulators and
converter which provide
±15 Volts for internal as well as external use.
The circuitry includes:
• Fully Differential Input Amplifier
• A Pulse Width Modulator Internally clocked at 16.7KHz (Has external Sync pin)
• ± 15 Volt regulated outputs derived from main supply
• Internal Current Sense Resistor
• External Loop Compensation pins to tailor to specific motors
• Current Monitor Output with Scale Factor of 1.67 Volts/Amp
V Supply
Hall
Brushless
Motor
Inputs
+15V
-15V
≤ 70mA
≤ 20mA
V RTN
+15V
Reg
-15V
Reg
DC/DC
Conv
FW
Rect
Current
Sense
Current
Monitor
Current
Command
Inputs
External
Loop
Comp
FW
Rect
16.7 KHz
Clock
(Optional)
SYNC
Cktry
OSC
PWM
Logic
3Ø
H-Bridge
MOSFET
BLOCK DIAGRAM
Direction
Internal use
Internal use
ACT5026 10 AMP 3-PHASE
BRUSHLESS DC MOTOR CONTROLLER
PWM
Input
Preliminary
+
-


Similar Part No. - ACT5026

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT510 ACTIVE-SEMI-ACT510 Datasheet
171Kb / 4P
ActiveQR Quasi-Resonant PWM Controller
05-Dec-12
logo
Qorvo, Inc
ACT5101 QORVO-ACT5101 Datasheet
3Mb / 59P
23V Buck-Boost Converter with Integrated MOSFETs
Rev. E, November 2019
logo
Aeroflex Circuit Techno...
ACT5101-1 AEROFLEX-ACT5101-1 Datasheet
237Kb / 12P
ACT5101-1 HIGH VOLTAGE 3-PHASE BRUSHLESS DC MOTOR DRIVE
logo
Active-Semi, Inc
ACT5101QI101-T ACTIVE-SEMI-ACT5101QI101-T Datasheet
578Kb / 37P
23V Buck-Boost Converter with Integrated MOSFETs
Rev 1.0, 24-Apr-2018
logo
Qorvo, Inc
ACT5101QI102-T QORVO-ACT5101QI102-T Datasheet
3Mb / 59P
23V Buck-Boost Converter with Integrated MOSFETs
Rev. E, November 2019
More results

Similar Description - ACT5026

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4370 MSK-MSK4370 Datasheet
195Kb / 3P
10 AMP, 500V, 3 PHASE IGBT BRUSHLESS MOTOR CONTROLLER
MSK4360 MSK-MSK4360 Datasheet
294Kb / 7P
10 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4363 MSK-MSK4363 Datasheet
253Kb / 7P
10 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4470 MSK-MSK4470 Datasheet
265Kb / 7P
10 AMP, 500V, 3 PHASE IGBT BRUSHLESS MOTOR CONTROLLER
MSK4310HU MSK-MSK4310HU Datasheet
280Kb / 8P
10 AMP, 55V, 3 PHASE BRUSHLESS MOTOR SPEED CONTROLLER
MSK4410S MSK-MSK4410S Datasheet
273Kb / 8P
10 AMP, 55V, 3 PHASE BRUSHLESS MOTOR SPEED CONTROLLER
MSK4460S MSK-MSK4460S Datasheet
283Kb / 7P
10 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
logo
Anaren Microwave
MSK4324 ANAREN-MSK4324 Datasheet
936Kb / 8P
10 AMP, 200V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4360 ANAREN-MSK4360 Datasheet
767Kb / 8P
10 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4460 ANAREN-MSK4460 Datasheet
138Kb / 7P
10 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com