Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5230 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # ACT5230
Description  ACT5230 32-Bit Superscaler Microprocessor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT5230 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  ACT5230 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT5230 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT5230 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT5230 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT5230 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT5230 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT5230 Datasheet HTML 7Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Features
eroflex Circuit Technology – RISC TurboEngines For The Future © SCD5230 REV 1 12/22/98
Block Diagram
s
Full militarized QED RM5230 microprocessor
s
Dual Issue superscalar microprocessor - can issue one
integer and one floating-point instruction per cycle
q
100, 133 and 150 MHz operating frequency – Consult
Factory for latest speeds
q
228 Dhrystone2.1 MIPS
q
SPECInt95 4.2 SPECfp95 4.5
s
System interface optomized for embedded
applications
q
32-bit system interface lowers total system cost with up to
87.5 MHz operating frequency
q
High performance write protocols maximize uncached
write bandwidth
q
Operates at processor clock divisors 2 through 8
q
5V tolerant I/O's
q
IEEE 1149.1 JTAG boundary scan
s
Integrated on-chip caches
q
16KB instruction - 2 way set associative
q
16KB data - 2 way set associative
q
Virtually indexed, physically tagged
q
Write-back and write-through on per page basis
q
Early restart on data cache misses
s
Integrated memory management unit
q
Fully associative joint TLB (shared by I and D translations)
q
48 dual entries map 96 pages
q
Variable page size (4KB to 16MB in 4x increments)
s
High-performance floating point unit
q
Single cycle repeat rate for common single precision
operations and some double precision operations
q
Two cycle repeat rate for double precision multiply and
double precision combined multiply-add operations
q
Single cycle repeat rate for single precision combined
multiply-add operation
s
MIPS IV instruction set
q
Floating point multiply-add instruction increases
performance in signal processing and graphics
applications
q
Conditional moves to reduce branch frequency
q
Index address modes (register + register)
s
Embedded application enhancements
q
Specialized DSP integer Multiply-Accumulate instruction
and 3 operand multiply instruction
q
I and D cache locking by set
q
Optional dedicated exception vector for interrupts
s
Fully static CMOS design with power down logic
q
Standby reduced power mode with WAIT instruction
q
2.5 Watts typical with less than 70 mA standby current
s
128-pin Power Quad-4 package (F22), Consult Factory for
package configuration
Preliminary
Store Buffer
Data Set A
Data Tag A
DTLB Physical
Data Tag B
Instruction Set A
Integer Instruction Register
FP Instruction Register
Instruction Set B
Address Buffer
Instruction Tag A
ITLB Physical
Instruction Tag B
Sys AD
Write Buffer
Read Buffer
Data Set B
DBus
Control
Floating-point
Register File
Joint TLB
Tag
Aux Tag
IntIBus
Floating-point
Coprocessor 0
Unpacker/Packer
MAdd, Add, Sub,Cvt
PC Incrementer
Branch Adder
DVA
Load Aligner
Integer Register File
Integer/Address Adder
Data TLB Virtual
Shifter/Store Aligner
Logic Unit
Integer Multiply, Divide
Instruction TLB Virtual
Phase Lock Loop
Instruction Select
FPIBus
ABus
System/Memory
Control
Program Counter
IVA
Div, SqRt
32-Bit Superscaler Microprocessor
ACT5230


Similar Part No. - ACT5230

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT5231 AEROFLEX-ACT5231 Datasheet
92Kb / 4P
ACT5231 32-Bit Superscaler Microprocessor
More results

Similar Description - ACT5230

ManufacturerPart #DatasheetDescription
logo
NEC
UPD705101 NEC-UPD705101 Datasheet
302Kb / 72P
32-BIT MICROPROCESSOR
logo
Aeroflex Circuit Techno...
ACT5231 AEROFLEX-ACT5231 Datasheet
92Kb / 4P
ACT5231 32-Bit Superscaler Microprocessor
ACT5260111111 AEROFLEX-ACT5260111111 Datasheet
119Kb / 8P
ACT5260 64-Bit Superscaler Microprocessor
ACT5261 AEROFLEX-ACT5261 Datasheet
170Kb / 5P
ACT 5261 64-Bit Superscaler Microprocessor
ACT5270 AEROFLEX-ACT5270 Datasheet
160Kb / 5P
ACT5270 64-Bit Superscaler Microprocessor
ACT5271 AEROFLEX-ACT5271 Datasheet
165Kb / 5P
ACT5271 64-Bit Superscaler Microprocessor
ACT7000SC AEROFLEX-ACT7000SC Datasheet
487Kb / 25P
ACT 7000SC 64-Bit Superscaler Microprocessor
logo
Maxwell Technologies
80386DX MAXWELL-80386DX Datasheet
244Kb / 17P
32-Bit Microprocessor
logo
List of Unclassifed Man...
NUC502 ETC2-NUC502 Datasheet
5Mb / 266P
32-bit Microprocessor
logo
Nuvoton Technology Corp...
N9H20 NUVOTON-N9H20 Datasheet
1Mb / 60P
32-bit Microprocessor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com