Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5230 Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # ACT5230
Description  ACT5230 32-Bit Superscaler Microprocessor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT5230 Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  ACT5230 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT5230 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT5230 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT5230 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT5230 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT5230 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT5230 Datasheet HTML 7Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Aeroflex Circuit Technology
SCD5230 REV 1 12/22/98 Plainview NY (516) 694-6700
2
DESCRIPTION
The ACT5230 is a highly integrated superscalar
microprocessor that implements a superset of the
MIPS IV Instruction Set Architecture(ISA). It has a
high
performance
64-bit
integer
unit,
a
high
throughput, fully pipelined 64-bit floating point unit,
an operating system friendly memory management
unit with a 48-entry fully associative TLB, a 16 KByte
2-way set associative instruction cache, a 16 KByte
2-way
set
associative
data
cache,
and
a
high-performance
32-bit
system
interface.
The
ACT5230 can issue both an integer and a floating
point instruction in the same cycle.
The ACT5230 is ideally suited for high-end
embedded
control
applications
such
as
internetworking,
high
performance
image
manipulation,
high
speed
printing,
and
3-D
visualization.
HARDWARE OVERVIEW
The ACT5230 offers a high-level of integration
targeted
at
high-performance
embedded
applications. Some of the key elements of the
ACT5230 are briefly described below.
Superscalar Dispatch
The
ACT5230
has
an
efficient
asymmetric
superscalar dispatch unit which allows it to issue an
integer instruction and a floating-point computation
instruction
simultaneously.
With
respect
to
superscalar issue, integer instructions include alu,
branch, load/store, and floating-point load/store,
while floating-point computation instructions include
floating-point add, subtract, combined multiply-add,
converts, etc. In combination with its high throughput
fully pipelined floating-point execution unit, the
superscalar capability of the ACT5230 provides
unparalleled price/performance in computationally
intensive embedded applications.
CPU Registers
Like all MIPS ISA processors, the ACT5230 CPU
has a simple, clean user visible state consisting of 32
general purpose registers, two special purpose
registers for integer multiplication and division, a
program counter, and no condition code bits.
Pipeline
For integer operations, loads, stores, and other
non-floating-point operations, the ACT5230 uses the
simple 5-stage pipeline also found in the QED
circuits R4600, R4700, and R5000. In addition to this
standard pipeline, the ACT5230 uses an extended
seven stage pipeline for floating-point operations.
Like the QED R5000, the ACT5230 does virtual to
physical translation in parallel with cache access.
Integer Unit
Like the QED R5000, the ACT5230 implements
the MIPS IV Instruction Set Architecture, and is
therefore fully upward compatible with applications
that run on processors implementing the earlier
generation MIPS I-III instruction sets. Additionally,
the ACT5230 includes two implementation specific
instructions not found in the baseline MIPS IV ISA
but that are useful in the embedded market place.
Described in detail in the QED RM5230 datasheet,,
these instructions are integer multiply-accumulate
and 3-operand integer multiply.
The ACT5230 integer unit includes thirty-two
general
purpose
64-bit
registers, a
load/store
architecture with single cycle ALU operations (add,
sub, logical, shift) and an autonomous multiply/divide
unit. Additional register resources include: the HI/LO
result registers for the two-operand integer multiply/
divide operations, and the program counter(PC).
Register File
The ACT5230 has thirty-two general purpose
registers with register location 0 hard wired to zero.
These
registers
are
used
for
scalar
integer
operations and address calculation. The register file
has two read ports and one write port and is fully
bypassed to minimize operation latency in the
pipeline.
ALU
The ACT5230 ALU consists of the integer adder/
subtractor, the logic unit, and the shifter. The adder
performs
address
calculations
in
addition
to
arithmetic operations, the logic unit performs all
logical and zero shift data moves, and the shifter
performs shifts and store alignment operations. Each
of these units is optimized to perform all operations in
a single processor cycle
For Detail Information regarding the operation of
the Quantum Effect Design (QED) RISCMark
RM5230
™, 32-Bit Superscalar Microprocessor see
the QED datasheet (Revision 1.2 July 1998).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com