Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5261 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # ACT5261
Description  ACT 5261 64-Bit Superscaler Microprocessor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT5261 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  ACT5261 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT5261 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT5261 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT5261 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT5261 Datasheet HTML 5Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
eroflex Circuit Technology – RISC TurboEngines For The Future © SCD5261 REV 1 12/22/98
Block Diagram
s
Full militarized QED RM5261 microprocessor
s
Dual Issue superscalar microprocessor - can issue one
integer and one floating-point instruction per cycle
q
133, 150, 200, 250 MHz operating frequencies – Consult Factory
for latest speeds
q
345 Dhrystone 2.1 MIPS
q
SPECInt95 7.3, SPECfp95 8.3
s
Pinout compatible with popular RM5260
s
High performance system interface compatible with RM5260,
RM 5270, RM5271, RM7000, R4600, R4700 and R5000
q
64-bit multiplexed system address/data bus for optimum price/
performance
q
High performance write protocols maximize uncached write
bandwidth
q
Supports 1/2 clock divisors (2, 2.5, 3, 3.5, 4, 4.5, 5, 6, 7, 8, 9)
q
IEEE 1149.1 JTAG boundary scan
s
• Integrated on-chip caches
q
32KB instruction - 2 way set associative
q
32KB data - 2 way set associative
q
Virtually indexed, physically tagged
q
Write-back and write-through on per page basis
q
Pipeline restart on first double for data cache misses
s
• Integrated memory management unit
q
Fully associative joint TLB (shared by I and D translations)
q
48 dual entries map 96 pages
q
Variable page size (4KB to 16MB in 4x increments)
s
High-performance floating point unit: up to 500 MFLOPS
q
Single cycle repeat rate for common single precision operations
and some double precision operations
q
Two cycle repeat rate for double precision multiply and double
precision combined multiply-add operations
q
Single cycle repeat rate for single precision combined multiply-
add operation
s
• MIPS IV instruction set
q
Floating point multiply-add instruction increases performance in
signal processing and graphics applications
q
Conditional moves to reduce branch frequency
q
Index address modes (register + register)
s
Embedded application enhancements
q
Specialized DSP integer Multiply-Accumulate instruction and 3
operand multiply instruction
q
I and D cache locking by set
q
Optional dedicated exception vector for interrupts
s
Fully static CMOS design with power down logic
q
Standby reduced power mode with WAIT instruction
q
3.6 Watts typical power @ 200MHz
q
2.5V core with 3.3V IO’s
s
208-lead CQFP, cavity-up package (F17)
s
208-lead CQFP, inverted footprint (F24), Intended to duplicate
the commercial QED footprint
s
179-pin PGA package (
Future Product) (P10)
Preliminary
64-Bit Superscaler Microprocessor
ACT 5261


Similar Part No. - ACT5261

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT5260 AEROFLEX-ACT5260 Datasheet
199Kb / 10P
ACT5260PC-P10-POD FR4 Adapter
ACT5260111111 AEROFLEX-ACT5260111111 Datasheet
119Kb / 8P
ACT5260 64-Bit Superscaler Microprocessor
ACT5260PC-P10-POD AEROFLEX-ACT5260PC-P10-POD Datasheet
199Kb / 10P
ACT5260PC-P10-POD FR4 Adapter
More results

Similar Description - ACT5261

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT5230 AEROFLEX-ACT5230 Datasheet
43Kb / 7P
ACT5230 32-Bit Superscaler Microprocessor
ACT5231 AEROFLEX-ACT5231 Datasheet
92Kb / 4P
ACT5231 32-Bit Superscaler Microprocessor
ACT5260111111 AEROFLEX-ACT5260111111 Datasheet
119Kb / 8P
ACT5260 64-Bit Superscaler Microprocessor
ACT5270 AEROFLEX-ACT5270 Datasheet
160Kb / 5P
ACT5270 64-Bit Superscaler Microprocessor
ACT5271 AEROFLEX-ACT5271 Datasheet
165Kb / 5P
ACT5271 64-Bit Superscaler Microprocessor
ACT7000SC AEROFLEX-ACT7000SC Datasheet
487Kb / 25P
ACT 7000SC 64-Bit Superscaler Microprocessor
logo
NEC
UPD30181 NEC-UPD30181 Datasheet
1Mb / 444P
64-/32-Bit Microprocessor
UPD30181A NEC-UPD30181A Datasheet
573Kb / 72P
64-/32-BIT MICROPROCESSOR
UPD30102 NEC-UPD30102 Datasheet
2Mb / 701P
64/32-bit Microprocessor
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700_08 Datasheet
785Kb / 25P
64-Bit RISC Microprocessor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com