Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF1M32 Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # ACTF1M32
Description  ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACTF1M32 Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  ACTF1M32 Datasheet HTML 1Page - Aeroflex Circuit Technology ACTF1M32 Datasheet HTML 2Page - Aeroflex Circuit Technology ACTF1M32 Datasheet HTML 3Page - Aeroflex Circuit Technology ACTF1M32 Datasheet HTML 4Page - Aeroflex Circuit Technology ACTF1M32 Datasheet HTML 5Page - Aeroflex Circuit Technology ACTF1M32 Datasheet HTML 6Page - Aeroflex Circuit Technology ACTF1M32 Datasheet HTML 7Page - Aeroflex Circuit Technology ACTF1M32 Datasheet HTML 8Page - Aeroflex Circuit Technology ACTF1M32 Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Aeroflex Circuit Technology
SCD1661B REV A 1/16/97 Plainview NY (516) 694-6700
4
VPP Deep Power Down Current
IPPD
RP = GND ± 0.2V
40
40
µA
VPP Read Current
IPPR
VPP > VPPH2
800
800
µA
VPP Write Current
IPPW1
VPP = VPPH1 (at 5V), Word Write in Progress (x32)
120
120
mA
IPPW2
VPP = VPPH2 (at 12V), Word Write in Progress (x32)
100
100
mA
VPP Erase Current
IPPE1
VPP = VPPH1 (at 5V), Block Erase in Progress
120
100
mA
IPPE2
VPP = VPPH2 (at 12V), Block Erase in Progress
100
80
mA
VPP Erase Suspend Current
IPPES
VPP = VPPH, Block Erase Suspend in Progress
800
800
µA
RP Boot Block Unlock Current
IRP
RP = VHH, VPP = 12V
2
2
mA
Output Low Voltage
VOL
VCC = VCCMin., IOL = 5.8 mA (5V), 2 mA (3.3V)
0.45
0.45
V
Output High Voltage
VOH1
VCC = VCCMin., IOH = -2.5 mA
0.85 x
VCC
0.85 x
VCC
V
VOH2
VCC = VCCMin., IOH = -100 µA
VCC -
0.4V
VCC -
0.4V
V
VPP Lock-Out Voltage
VPPLK
Complete Write Protection
0.0
1.5
0.0
1.5
V
VPP (Program/Erase Operations)
VPPH1
VPP = at 5V
4.5
5.5
4.5
5.5
V
VPP (Program/Erase Operations)
VPPH2
VPP = at 12V
11.4
12.6
11.4
12.6
V
VCC Erase/Write Lock Voltage
VLKO
Locked Condition
0
2.0
0
2.0
V
RP Unlock Voltage
VHH
Boot Block Write/Erase, VPP = 12V
11.4
12.6
11.4
12.6
V
Notes:
1. Performance at VCC = +4.5V to +5.5V is guaranteed. Performance at VCC = +3.3V is typical (Not tested).
AC Characteristics – Write/Erase/Program Operations – WE Controlled
(TA = -55
°C to +125°C, VCC = +4.5V to + 5.5V(5V Operation), or +3.0V to +3.6V(3.3V Operation), Unless otherwise specified)
Parameter
Symbol
JEDEC
Standard
+3.3V VCC (2)
Typical
+4.5V to +5.5V VCC
Units
120nS
Min Max
80nS
Min Max
100nS
Min Max
120nS
Min Max
Write Cycle Time
tAVAV
120
80
100
120
nS
RP High Recovery to WE Going Low
tPHWL
1.5
.45
.45
.45
µS
CE Setup to WE Going Low
tELWL
0
0
0
0
nS
Boot Block Unlock Setup to WE Going High(1)
tPHHWH
200
100
100
100
nS
VPP Setup to WE Going High (1)
tVPWH
200
100
100
100
nS
Address Setup to WE Going High
tAVWH
90
60
60
60
nS
Data Setup to WE Going High
tDVWH
70
60
60
60
nS
WE Pulse Width
tWLWH
90
60
60
60
nS
Data Hold Time from WE High
tWHDX
0
0
0
0
nS
Address Hold Time from WE High
tWHAX
0
0
0
0
nS
CE Hold Time from WE High
tWHEH
0
0
0
0
nS
WE Pulse Width High
tWHWL
30
20
20
20
nS
Duration of Word Write Operation (1) (x32)
tWHQV1
6
6
6
6
µS
Duration of Erase Operation (Boot) (1)
tWHQV2
0.3
0.3
0.3
0.3
Sec
Duration of Erase Operation (Parameter) (1)
tWHQV3
0.3
0.3
0.3
0.3
Sec
Duration of Erase Operation (Main) (1)
tWHQV4
0.6
0.6
0.6
0.6
Sec
VPP Hold from Valid SRD (1)
tQVVL
0
0
0
0
nS
RP VHH Hold from Valid SRD (1)
tQVPH
0
0
0
0
nS
Boot Block Lock Delay (1)
tPHBR
200
100
100
100
nS
Notes:
1. Guaranteed by design, not tested.
2. Performance at VCC = +4.5V to +5.5V is guaranteed. Performance at VCC = +3.3V is typical (Not tested).
DC Characteristics – CMOS Compatible
(TA = -55
°C to +125°C, VCC = +4.5V to + 5.5V(5V Operation), or +3.0V to +3.6V(3.3V Operation), Unless otherwise specified)
Parameter
Sym
Conditions
+3.3V VCC (1)
Typical
+5.0V VCC
Standard
Units
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com