Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF1M32 Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # ACTF1M32
Description  ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACTF1M32 Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

  ACTF1M32 Datasheet HTML 1Page - Aeroflex Circuit Technology ACTF1M32 Datasheet HTML 2Page - Aeroflex Circuit Technology ACTF1M32 Datasheet HTML 3Page - Aeroflex Circuit Technology ACTF1M32 Datasheet HTML 4Page - Aeroflex Circuit Technology ACTF1M32 Datasheet HTML 5Page - Aeroflex Circuit Technology ACTF1M32 Datasheet HTML 6Page - Aeroflex Circuit Technology ACTF1M32 Datasheet HTML 7Page - Aeroflex Circuit Technology ACTF1M32 Datasheet HTML 8Page - Aeroflex Circuit Technology ACTF1M32 Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Aeroflex Circuit Technology
SCD1661B REV A 1/16/97 Plainview NY (516) 694-6700
6
AC Waveforms for Write and Erase Operations, WE Controlled
AIN
AIN
Addresses
OE
CE
Data
WE
VPP
RP
DIN
Valid
SRD
DIN
DIN
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VPPLK
VIL
VPPH2
VPPH1
tAVAV
tAVWH
tWHAX
tELWL
tWHEH
tWHWL
tWLWH
tWHDX
tDVWH
tVPWH
tWHQV1,2,3,4
tPHWL
High Z
AC Test Circuit
VIH
VIL
WP
6.5V
VHH
tPHHWH
tQVPH
tQVVL
Write Program or
Erase Setup Command
Power-up
Standby
Valid Address & Data (Program)
or Erase Confirm Command
Automated Program
or Erase Delay
Read Status
Register Data
Write Read Array
Command
VCC
Write
Device
Under
Test
CL
R2
R1
VCC
Test Configuration Component Values
Test Configuration
CL
(pF)
R1
(
Ω)
R2
(Ω)
3.3V Standard Test
50
990
770
5V Standard Test
50
580
390
NOTES:
CL includes jig capacitance.
OUT
Parameter
Typical
Units
Input Pulse Level
0 – 3.0
V
Input Rise and Fall
5
nS
Input and Output Timing Reference Level
1.5
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com