Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF2M32A Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # ACTF2M32A
Description  ACT-F2M32A High Speed 64 Megabit Sector Erase FLASH Multichip Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACTF2M32A Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  ACTF2M32A Datasheet HTML 1Page - Aeroflex Circuit Technology ACTF2M32A Datasheet HTML 2Page - Aeroflex Circuit Technology ACTF2M32A Datasheet HTML 3Page - Aeroflex Circuit Technology ACTF2M32A Datasheet HTML 4Page - Aeroflex Circuit Technology ACTF2M32A Datasheet HTML 5Page - Aeroflex Circuit Technology ACTF2M32A Datasheet HTML 6Page - Aeroflex Circuit Technology ACTF2M32A Datasheet HTML 7Page - Aeroflex Circuit Technology ACTF2M32A Datasheet HTML 8Page - Aeroflex Circuit Technology ACTF2M32A Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Aeroflex Circuit Technology
SCD1666A REV A 9/12/97 Plainview NY (516) 694-6700
4
AC Characteristics – Write/Erase/Program Operations – WE Controlled
(TC = -55
°C to +125°C, VCC = +4.5V to + 5.5V, Unless otherwise specified)
Parameter
Parameter
Symbol
Standard
Parameter
Symbol
JEDEC
90ns
120ns
150ns
Units
Min
Max
Min
Max
Min
Max
Write Cycle Time
tWC
tAVAV
90
120
150
ns
Address Setup to WE Going Low
tAS
tAVWL
0
0
0
ns
Address Hold Time from CE High
tAH
tWLAX
45
50
50
ns
Data Setup to WE Going High
tDS
tDVWH
45
50
50
ns
Data Hold Time from WE High
tDH
tWHDX
0
0
0
ns
Output Enable Hold Time
Read
tOEH
0
0
0
ns
Toggle Bit I and Data Polling
10
10
10
ns
Read Recover Time Before Write
(OE High to WE Low)
tGHWL
tGHWL
0
0
0
ns
CE Setup Time from WE Low
tCS
tELWL
0
0
0
ns
CE Hold Time from WE High
tCH
tWHEH
0
0
0
ns
WE Pulse Width
tWP
tWLWH
45
50
50
ns
WE Pulse Width High
tWPH
tWHWL
20
20
20
ns
Byte Programming Operation
tWHWH1
tWHWH1
8
8
8
µs
Sector Erase Operation
tWHWH2
tWHWH2
15
15
15
Sec
VCC Set-Up Time
tVCS
50
50
50
µs
Rise Time to VID
tVIDR
500
500
500
ns
OE Setup Time to WE Active
tOESP
4
4
4
µs
Reset Pulse Width
tRP
500
500
500
ns
Program/Erase Valid to RY/BY
Delay
tBUSY
40
50
60
ns
Notes:
1. Not 100% tested.
AC Characteristics – Read Only Operations
(TC = -55
°C to +125°C, VCC = +4.5V to + 5.5V, Unless otherwise specified)
Parameter
Parameter
Symbol
Standard
Parameter
Symbol
JEDEC
90ns
120ns
150ns
Units
Min
Max
Min
Max
Min
Max
Read Cycle Time (1)
tRC
tAVAV
90
120
150
ns
Address to Output Delay
tACC
tAVQV
90
120
150
ns
CE to Output Delay
tCE
tELQV
90
120
150
ns
OE to Output Delay
tOE
tGLQV
40
50
55
ns
CE to Output in High Z (1)
tDF
tEHQZ
20
30
35
ns
OE to Output in High Z (1)
tDF
tGHQZ
20
0
30
0
35
ns
Output Hold from Addresses, CE or OE Change, Whichever Occurs
First
tOH
tAXQX
0
0
0
ns
RESET Low to Read Mode (1)
tREADY
20
20
20
µs
Notes:
1. Not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com