Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF2M32A Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # ACTF2M32A
Description  ACT-F2M32A High Speed 64 Megabit Sector Erase FLASH Multichip Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACTF2M32A Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

  ACTF2M32A Datasheet HTML 1Page - Aeroflex Circuit Technology ACTF2M32A Datasheet HTML 2Page - Aeroflex Circuit Technology ACTF2M32A Datasheet HTML 3Page - Aeroflex Circuit Technology ACTF2M32A Datasheet HTML 4Page - Aeroflex Circuit Technology ACTF2M32A Datasheet HTML 5Page - Aeroflex Circuit Technology ACTF2M32A Datasheet HTML 6Page - Aeroflex Circuit Technology ACTF2M32A Datasheet HTML 7Page - Aeroflex Circuit Technology ACTF2M32A Datasheet HTML 8Page - Aeroflex Circuit Technology ACTF2M32A Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Aeroflex Circuit Technology
SCD1666A REV A 9/12/97 Plainview NY (516) 694-6700
6
AC Waveforms for Write and Erase Operations, WE Controlled
AC Test Circuit
Device
Under
Test
CL
R2
R1
VCC
Test Configuration Component Values
Test Configuration
CL
(pF)
R1
(
Ω)
R2
(Ω)
3.3V Standard Test
50
990
770
5V Standard Test
50
580
390
NOTES:
CL includes jig capacitance.
OUT
Parameter
Typical
Units
Input Pulse Level
0 – 3.0
V
Input Rise and Fall
5
ns
Input and Output Timing Reference Level
1.5
V
5555H
PA
PA
AOH
3rd Bus Cycle
Data Polling
PD
DQ7
DOUT
+5 Volt
Data
WE
OE
CE
Addresses
tDH
tWPH
tWP
tCS
tDS
tWHWH1
tGHWL
tAS
tAH
tWC
tOE
tCE
tOH
tDF
tRC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com