Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0164000000 Datasheet(PDF) 1 Page - Weidmuller

Part # 0164000000
Description  Mounting rail support
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0164000000 Datasheet(HTML) 1 Page - Weidmuller

  0164000000 Datasheet HTML 1Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
261
Mounting bases for TS 32 and TS 35
MOFU
FM
MB
TSTW mounting rail supports allow for sloped fitting of mount-
ing rails at an angle of 35°. Three designs are available with M5,
M6 threads or with a bore of Ø 4.3 mm.
The TST mounting rail support allows rails to be fitted into fram-
es or above a cut-out. This design has an M5 or M6 thread (not
shown).
Weidmüller offers hexagon socket fixing screws for the mount-
ing rail supports with a particularly low head allowing terminals
also to be fitted above the screw.
The SH 1 and SH 2 support blocks enable construction of insu-
lated mounting rails.
Mounting bases are used to fix components onto mounting
rails. Weidmüller offers a polyamide mounting base and a steel
snap-on base for the TS 35 mounting rail. The FM 4 snap on
base fits all “top-hat” mounting rails. The PA mounting base fits
the TS 35 x 7.5 and the TS 35 x 15 slotted rails.
The sliding nut for TS 32 mounting rails has 2 tapped holes for
M 3 + M 5 / M 6 + M 4 / M 5 + M 3 screws. It is used to fix
components which cannot be directly mounted on the TS 32
and, in particular, to accept the smaller TS 15 “top-hat” rail. In
this way, for example, small terminals can first be mounted on
the TS 15 and this rail can then be mounted on the TS 32 with
the aid of the sliding nut together with the terminals.
Type
Cat. No.
Qty.
TSTW (M 5)
0178100000 10
TSTW (M 6)
0164000000 10
TSTW ø 4.3
1610110000 10
TST (M 6)
0101700000 10
TST (M 5)
1286600000 10
TSTW (M 5), zinc-plated
1779100000 10
Fixing screw
FKSC M 5x8 ø 9
hexagon socket SW 2.5
0295900000 50
FKSC M 6x8 ø 9
hexagon socket SW 3
0642600000 50
FKSC M 6x12 ø 9 hexagon socket SW 3
0353500000 50
Type
Cat. No.
Qty.
SH 1 for TS 15
0299860000
20
in PA (thermoplastics) compl.
SH 1 Base
0401460000
20
SH 1 Bracket
0635960000
500
Type
Cat. No.
Qty.
SH 2 for TS 32/35
0494920000
10
in KrG (thermosetting)
Type
Cat. No.
Qty.
FM 4 (M 4) for TS 35
0687900000
40
FM 5 (M 5) for TS 35
0636800000
40
FM 6 (M 6) for TS 35
0636900000
40
FM (Ø 4.2) for TS 35
1724580000
40
MOFU mounting foot PA orange 0646260000 with bore
20
for TS 35 x 7.5 u. 35 x 15 gel.
0495660000 without bore
20
MB 3/5 (cream)
0503500000
20
with thread M 3 and M 5, for TS 32
MB 6/4 (grey)
0334900000
20
with thread M 6 and M 4, for TS 32
MB 5/3 (black)
0553400000
20
with thread M 5 and M 3, for TS 32
TSTW
TST
SH 2
Mounting rail support
Support block
Mounting bases
TSTW, TST
Material thickness 1.8 mm
TSTW
Support block for TS 15, TS 32, TS 35
and busbars
SH 1
for TS 15
SH 2
for TS 32, TS 35


Similar Part No. - 0164000000

ManufacturerPart #DatasheetDescription
logo
GEDORE Werkzeugfabrik G...
016400 GEDORE-016400 Datasheet
93Kb / 2P
Quickset Adjustable Torque Screwdrivers
More results

Similar Description - 0164000000

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
PFP OMRON-PFP Datasheet
51Kb / 2P
DIN Rail Mounting Track
logo
Bud Industries, Inc.
PMR-9448 BUD-PMR-9448 Datasheet
77Kb / 1P
PANEL MOUNTING RAIL
logo
Weidmuller
0382860000 WEIDMULLER-0382860000 Datasheet
52Kb / 2P
Modular terminal, accessories, Rail support
0495160000 WEIDMULLER-0495160000 Datasheet
47Kb / 1P
Modular terminal, accessories, Rail support
logo
CUI INC
STK-DIN CUI-STK-DIN Datasheet
170Kb / 2P
DIN RAIL MOUNTING BRACKET
logo
Pepperl+Fuchs Inc.
UPR-MR PF-UPR-MR Datasheet
259Kb / 1P
DIN mounting rail
2020-09-23
logo
Festo Corporation.
4135048 FESTO-4135048 Datasheet
82Kb / 1P
H-rail mounting
7/21/22
570043 FESTO-570043 Datasheet
76Kb / 1P
H-rail mounting
7/21/22
8095158 FESTO-8095158 Datasheet
63Kb / 1P
H-rail mounting
7/21/22
logo
FIBOX Enclosing innovat...
4512190 FIBOX-4512190 Datasheet
35Kb / 1P
DIN rail support
26.07.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com