Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTPD1M16 Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # ACTPD1M16
Description  ACT-PD1M16 Fast Page Mode 16 Megabit Plastic Monolithic DRAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACTPD1M16 Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

  ACTPD1M16 Datasheet HTML 1Page - Aeroflex Circuit Technology ACTPD1M16 Datasheet HTML 2Page - Aeroflex Circuit Technology ACTPD1M16 Datasheet HTML 3Page - Aeroflex Circuit Technology ACTPD1M16 Datasheet HTML 4Page - Aeroflex Circuit Technology ACTPD1M16 Datasheet HTML 5Page - Aeroflex Circuit Technology ACTPD1M16 Datasheet HTML 6Page - Aeroflex Circuit Technology ACTPD1M16 Datasheet HTML 7Page - Aeroflex Circuit Technology ACTPD1M16 Datasheet HTML 8Page - Aeroflex Circuit Technology ACTPD1M16 Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Aeroflex Circuit Technology
SCD3750 REV A 8/31/98
Plainview NY (516) 694-6700
6
OPERATIONS
OPERATIONS
DUAL CAS
Two CAS pins (LCAS and UCAS) are
provided to give independent control of the 16
data-I/O
pins
(I/O0-15),
with
LCAS
corresponding
to
I/O0-7
and
UCAS
corresponding to I/O8-15. For read or write
cycles, the column address is latched on the
first xCAS falling edge. Each xCAS going low
enables its corresponding I/Ox pin with data
associated with the column address latched
on the first falling xCAS edge. All address
setup and hold parameters are referenced to
the first falling xCAS edge. The delay time
from xCAS low to valid data out (see
parameter tCAC) is measured form each
individual xCAS to its corresponding I/Ox pin.
In order to latch in a new column address,
both xCAS pins must be brought high. The
column-precharge time (see parameter tCP )
is measured from the last xCAS rising edge to
the first xCAS falling edge of the new cycle.
Keeping
a
column
address
valid
while
toggling xCAS requires a minimum setup
time, tCLCH. During tCLCH at least one xCAS
must be brought low before the other xCAS is
taken high.
For early-write cycles, the data is latched on
the first xCAS falling edge. Only the I/Os that
have the corresponding xCAS low are written
into. Each xCAS must meet tCAS minimum in
order to ensure writing into the storage cell.
To latch a new address and new data, all
xCAS pins must be high and meet tCP.
PAGE MODE
Page-mode operation allows faster memory
access by keeping the same row address
while selecting random column addresses.
The time for row-address setup and hold and
address
multiplex
is
eliminated.
The
maximum number of columns that can be
accessed is determined by the maximum
RAS low time and the xCAS page-mode cycle
time used. With minimum xCAS page-cycle
time, all columns can be accessed without
intervening RAS cycles.
Unlike conventional page-mode DRAMs, the
column address buff-ers in this device are
activated on the falling edge of RAS. The
buffers act as transparent or flow-through
latches while xCAS is high. The falling edge of
the first xCAS latches the column addresses.
This feature allows the devices to operate at a
higher data bandwidth than conventional
page-mode
parts
because
data
retrieval
begins as soon as the column address is valid
rather than when xCAS transitions low. This
performance improvement is referred to as
enhanced
page
mode.
A
valid
column
address may be presented immediately after
tRAH (row-address hold time) has been
satisfied, usually well in advance of the falling
edge of xCAS. In this case, data is obtained
after tCAC maximum (access time from xCAS
low) if tAA maximum (access time from
column address) has been satisfied. In the
event that column addresses for the next page
cycle are valid at the time xCAS goes high,
minimum access time for the next cycle is
determined by tCPA (access time from rising
edge of the last xCAS).
ADDRESS: A0-9
Twenty address bits are required to decode 1
of 1048576 storage cell locations. For the
ACTPD1M16, 10 row-address bits are set up
on A0 through A9 and latched onto the chip
by RAS. Ten, column-address bits are set up
on A0 through A9 and latched onto the chip
by the first xCAS. All addresses must be
stable on or before the falling edge of RAS
and xCAS. RAS is similar to a chip enable in
that it activates the sense amplifiers as well as
the row decoder. xCAS is used as a chip
select, activating its correspond-ing output
buffer and latching the address bits into the
column-address buffers.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com