Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTPD1M16 Datasheet(PDF) 7 Page - Aeroflex Circuit Technology

Part # ACTPD1M16
Description  ACT-PD1M16 Fast Page Mode 16 Megabit Plastic Monolithic DRAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACTPD1M16 Datasheet(HTML) 7 Page - Aeroflex Circuit Technology

  ACTPD1M16 Datasheet HTML 1Page - Aeroflex Circuit Technology ACTPD1M16 Datasheet HTML 2Page - Aeroflex Circuit Technology ACTPD1M16 Datasheet HTML 3Page - Aeroflex Circuit Technology ACTPD1M16 Datasheet HTML 4Page - Aeroflex Circuit Technology ACTPD1M16 Datasheet HTML 5Page - Aeroflex Circuit Technology ACTPD1M16 Datasheet HTML 6Page - Aeroflex Circuit Technology ACTPD1M16 Datasheet HTML 7Page - Aeroflex Circuit Technology ACTPD1M16 Datasheet HTML 8Page - Aeroflex Circuit Technology ACTPD1M16 Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Aeroflex Circuit Technology
SCD3750 REV A 8/31/98
Plainview NY (516) 694-6700
7
WRITE ENABLE (WE)
The read or write mode is selected through
WE. A logic high on WE selects the read
mode and a logic low selects the write mode.
The data inputs are disabled when the read
mode is selected. When WE goes low prior to
xCAS (early write), data out remains in the
high-impedance state for the entire cycle,
permitting
a
write
operation
with
OE
grounded.
DATA IN (I/O0-15)
Data
is
written
during
a
write
or
read-modify-write cycle. Depending on the
mode of operation, the falling edge of xCAS or
WE strobes data into the on-chip data latch.
In an early-write cycle, WE is brought low
prior to xCAS and the data is strobed in by the
first occurring xCAS with setup and hold times
referenced to this signal. In a delayed-write or
read-modify-write cycle, xCAS is already low
and the data is strobed in by WE with setup
and hold times referenced to this signal. In a
delayed-write or read-modify-write cycle, OE
must be high to bring the output buffers to the
high-impedance state prior to impressing data
on the I/O lines.
DATA OUT (I/O0-15)
Data out is the same polarity as data in. The
output is in the high-impedance (floating)
state until xCAS and OE are brought low. In a
read cycle, the output becomes valid after the
access time interval tCAC (which begins with
the negative transition of xCAS) as long as
tRAC and tAA are satisfied.
OUTPUT ENABLE (OE)*
OE controls the impedance of the output
buffers. When OE is high, the buffers remain
in the high-impedance state. Bringing OE low
during a normal cycle activates the output
buffers, putting them in the low-impedance
state. It is necessary for both RAS and xCAS
to be brought low for the output butters to go
into the low-impedance state, and they remain
in the low-impedance state until either OE or
xCAS is brought high.
*Output Enable can be held low during write cycles.
RAS-ONLY REFRESH
A refresh operation must be performed at
least once every 16ms (128ms for long
refresh periods) to retain data. This can be
achieved by strobing each of the 1024 rows
(A0-9). A normal read or write cycle refreshes
all bits in each row that is selected. A
RAS-only operation can be used by holding
both xCAS at the high (inactive) level,
conserving power as the output buffers
remain
in
the
high-impedance
state.
Externally generated addresses must be used
for a RAS-only refresh.
HIDDEN REFRESH
Hidden refresh can be performed while
maintaining valid data at the output pin. This
is accomplished by holding xCAS at VIL after
a read operation and cycling RAS after a
specified precharge period, similar to a
RAS-only refresh cycle. The external address
is
ignored
and
the
refresh
address
is
generated internally.
xCAS-BEFORE-RAS (xCBR)
REFRESH
xCBR refresh is utilized by bringing at least
one
xCAS
low
earlier
than
RAS
(see
parameter tCSR) and holding it low after RAS
fails (see parameter tCHR). For succesive
xCBR refresh cycles, xCAS can remain low
while cycling RAS. The external address is
ignored and the refresh address is generated
internally.
POWER UP
To achieve proper device operation, an initial
pause of 200µs followed by a minimum of
eight initialization cycles is required after
power up to full Vcc level. These eight
initialization cycles must include at least one
refresh (RAS-only or xCBR) cycle.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com