Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTS512K8 Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # ACTS512K8
Description  ACT-S512K8 High Speed 4 Megabit Monolithic SRAM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACTS512K8 Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  ACTS512K8 Datasheet HTML 1Page - Aeroflex Circuit Technology ACTS512K8 Datasheet HTML 2Page - Aeroflex Circuit Technology ACTS512K8 Datasheet HTML 3Page - Aeroflex Circuit Technology ACTS512K8 Datasheet HTML 4Page - Aeroflex Circuit Technology ACTS512K8 Datasheet HTML 5Page - Aeroflex Circuit Technology ACTS512K8 Datasheet HTML 6Page - Aeroflex Circuit Technology ACTS512K8 Datasheet HTML 7Page - Aeroflex Circuit Technology ACTS512K8 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Aeroflex Circuit Technology
SCD1664 REV C 5/10/00
Plainview NY (516) 694-6700
2
Absolute Maximum Ratings
Symbol
Parameter
MINIMUM
MAXIMUM
Units
TC
Case Operating Temp.
-55
+125
°C
TSTG
Storage Temperature
-65
+150
°C
PD
Maximum Package Power Dissipation
-
1.1
W
VG
Maximum Signal Voltage to Ground
-0.5
VCC + 0.5
V
VCC
Power Supply Voltage
-0.5
+7.0
V
TJ
Junction Temperature
-
+150
°C
Recommended Operating Conditions
Symbol
Parameter
Minimum
Maximum
Units
VCC
Power Supply Voltage
+4.5
+5.5
V
VIH
Input High Voltage
+2.2
VCC + 0.3
V
VIL
Input Low Voltage
-0.5
+0.8
V
TA
Operating Temp. (Mil)
-55
+125
°C
Truth Table
Mode
CE
OE
WE
Data I/O
Power
Standby
H
X
X
High Z
Standby (deselect/power down)
Read
L
L
H
Data OUT
Active
Output Disable
L
H
H
High Z
Active (deselected)
Write
L
X
L
Data IN
Active
Capacitance
(VIN = 0V, f = 1MHz, Tc = 25°C, unless otherwise noted, Guaranteed but not tested)
Symbol
Parameter
Maximum
Units
CIN
Input Capacitance (A0-18, WE & OE)
20
pF
COUT
Output Capacitance (I/O0-7 & CE)
20
pF
DC Characteristics
(VCC = 5.0V, VSS = 0V, Tc = -55°C to +125°C, unless otherwise specified)
Parameter
Sym
Conditions
ALL SPEEDS
Min
Max
Units
Input Leakage Current
ILI
VCC = Max, VIN =0 to VCC
-10
+10
µA
Output Leakage Current
ILO CE = VIH, OE = VIH, VOUT = 0 to VCC
-10
+10
µA
Operating Supply Current
ICC
CE = VIL, OE = VIH, Vcc=5.5V,
f =5MHz CMOS Compatible
-
170
mA
Standby Current
ISB
CE = Vcc, OE= VIH, Vcc=5.5V,
f =5MHz CMOS Compatible
-
20
mA
Output Low Voltage
VOL IOL = 8 mA, Vcc = 4.5V
-
0.4
V
Output High Voltage
VOH IOH = -4 mA, Vcc = 4.5V
2.4
-
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com