Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTS512K8 Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # ACTS512K8
Description  ACT-S512K8 High Speed 4 Megabit Monolithic SRAM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACTS512K8 Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  ACTS512K8 Datasheet HTML 1Page - Aeroflex Circuit Technology ACTS512K8 Datasheet HTML 2Page - Aeroflex Circuit Technology ACTS512K8 Datasheet HTML 3Page - Aeroflex Circuit Technology ACTS512K8 Datasheet HTML 4Page - Aeroflex Circuit Technology ACTS512K8 Datasheet HTML 5Page - Aeroflex Circuit Technology ACTS512K8 Datasheet HTML 6Page - Aeroflex Circuit Technology ACTS512K8 Datasheet HTML 7Page - Aeroflex Circuit Technology ACTS512K8 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Aeroflex Circuit Technology
SCD1664 REV C 5/10/00
Plainview NY (516) 694-6700
3
AC Characteristics
(VCC = 5.0V, VSS= 0V, Tc= -55°C to +125°C)
Read Cycle
Parameter
Sym
–017
Min Max
–020
Min Max
–025
Min Max
–035
Min Max
–045
Min Max
–055
Min Max
Units
Read Cycle Time
tRC
17
-
20
-
25
-
35
-
45
-
55
-
ns
Address Access Time
tAA
-
17
-
20
-
25
-
35
-
45
-
55
ns
Chip Select Access Time
tACS
-
17
-
20
-
25
-
35
-
45
-
55
ns
Output Hold from Address Change
tOH
0
-
0
-
0
-
0
-
0
-
0
-
ns
Output Enable to Output Valid
tOE
-
9
-
10
-
12
-
25
25
25
ns
Chip Select to Output in Low Z (1)
tCLZ
2
-
2
-
2
-
4
-
4
-
4
-
ns
Output Enable to Output in Low Z (1)
tOLZ
0
-
0
-
0
-
0
-
0
-
0
-
ns
Chip Deselect to Output in High Z (1)
tCHZ
-
9
-
10
-
12
-
15
-
20
-
20
ns
Output Disable to Output in High Z (1)
tOHZ
-
9
-
10
-
12
-
15
-
20
-
20
ns
Note 1. Guaranteed by design, but not tested
Write Cycle
Parameter
Sym
–017
Min Max
–020
Min Max
–025
Min Max
–035
Min Max
–045
Min Max
–055
Min Max
Units
Write Cycle Time
tWC
17
-
20
-
25
-
35
-
45
-
55
-
ns
Chip Select to End of Write
tCW
15
-
15
-
20
-
25
-
35
-
50
-
ns
Address Valid to End of Write
tAW
15
-
15
-
20
-
25
-
35
-
50
-
ns
Data Valid to End of Write
tDW
12
-
12
-
15
-
20
-
25
-
25
-
ns
Write Pulse Width
tWP
14
-
14
-
15
-
25
-
35
-
40
-
ns
Address Setup Time
tAS
2
-
2
-
2
-
2
-
2
-
2
-
ns
Address Hold Time
tAH
0
-
0
-
0
-
0
-
5
-
5
-
ns
Output Active from End of Write (1)
tOW
0
-
0
-
0
0
5
-
5
-
ns
Write to Output in High Z (1)
tWHZ
-
9
-
9
-
10
-
15
-
20
-
25
ns
Data Hold from Write Time
tDH
0
-
0
-
0
-
0
-
0
-
0
-
ns
Note 1. Guaranteed by design, but not tested
Data Retention Electrical Characteristics (Special Order Only)
(Tc = -55°C to +125°C)
Parameter
Sym
Test Conditions
ALL SPEEDS
Min
Typ
Max
Units
VCC for Data Retention
VDR
CE
≥ V
CC – 0.2V
2
-
5.5
V
Data Retention Current (1) ICCDR1
VCC = 3V
-
0.5
7.0
mA
Available in Low Power version. Call For Information.
Truth Table
Mode
CE
OE
WE
Data I/O
Power
Standby
H
X
X
High Z
Standby (deselect/power down)
Read
L
L
H
Data Out
Active
Output Disable
L
H
H
High Z
Active (deselected)
Write
L
X
L
Data In
Active



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com