Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARX4418-LPFP Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # ARX4418-LPFP
Description  ARX 4418 & 4417 Variable Amplitude Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ARX4418-LPFP Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  ARX4418-LPFP Datasheet HTML 1Page - Aeroflex Circuit Technology ARX4418-LPFP Datasheet HTML 2Page - Aeroflex Circuit Technology ARX4418-LPFP Datasheet HTML 3Page - Aeroflex Circuit Technology ARX4418-LPFP Datasheet HTML 4Page - Aeroflex Circuit Technology ARX4418-LPFP Datasheet HTML 5Page - Aeroflex Circuit Technology ARX4418-LPFP Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
eroflex Circuit T
echnology – Data Bus Modules For The Future © SCD4418 REV B 10/18/99
CIRCUIT TECHNOLOGY
www.aeroflex.com
Features
• ARX 4418 Transceiver meets MIL-STD-1553A&B,
Macair A3818, A4905, A5232 and A5690 specs
• ARX 4417 Transceiver meets MIL-STD-1553 specs
• Operates with ±15 Volts to ±12 Volts power supply
• Voltage source output for higher bus drive power
• Plug-in, flat package or low profile flat package
• Monolithic construction using linear ASICs
• Variable receiver threshold capability
• Variable TX Amplitude
• Processed and screened to Mil-STD-883 specs
• DESC SMD (Standard Military Drawing)
General Description
The
Aeroflex
Laboratories
transceiver models ARX 4418 and
ARX
4417
are
new
generation
monolithic transceivers which provide
full
compliance
with
Macair
and
MIL-STD-1553 data bus requirements
while providing variable amplitude
control.
The model ARX 4418 and model
ARX 4417 perform the front-end
analog
function
of
inputting
and
outputting data through a transformer
to a MIL-STD-1553 or Macair data
bus.
The
ARX
4418
can
be
considered a "Universal" Transceiver
in
that
it
is
compatible
with
MIL-STD-1553A, B, Macair A-3818,
A-4905, A-5232 and A-5690. The
ARX
4417
is
compatible
with
MIL-STD-1553A/B.
Design
of
these
transceivers
reflects particular attention to active
filter performance.This results in low
bit and word error rate with superior
waveform purity and minimal zero
crossover distortion. The ARX4418
series
active
filter
design
has
additional high frequency roll-off to
provide
the
required
Macair
low
harmonic distortion waveform without
increasing the pulsedelay characteris-
tics significantly.
Efficient transmitter electrical and
thermal design provides low internal
power dissipation and heat rise at
high and well as low duty cycles.
Variable amplitude is adjusted with
0–10 Vdc on the control pin. An
optional
receiver
input
threshold
adjustment can be accomplished by
the
use
of
the
"Set
Internal
Threshold" terminals.
ARX 4418FP/4418 Transceivers
Block Diagram (without Transformer)
SHAPING
OUTPUT
STAGE
COMP.
COMP.
ACTIVE
FILTER
INPUT
AMP
DRIVER
TX DATA IN
TX DATA IN
TX INHIBIT
+5 V
RX DATA IN
RX DATA IN
STROBE
TX DATA OUT
RX DATA OUT
RX DATA OUT
-12V or -15V
EX THRESHOLD
DATA
SET INTERNAL
DATA
DATA
EX THRESHOLD
DATA
+15V or +12V
V+
V-
THRESHOLD
AMP CONTROL
TX DATA OUT
ARX 4418 & 4417 Variable Amplitude Transceivers for
& MIL-STD-1553
MACAIR A3818, A5690, A5232, A4905


Similar Part No. - ARX4418-LPFP

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ARX4404 AEROFLEX-ARX4404 Datasheet
95Kb / 6P
ARX4404 & 4407 Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4404-001-1 AEROFLEX-ARX4404-001-1 Datasheet
95Kb / 6P
ARX4404 & 4407 Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4404-001-2 AEROFLEX-ARX4404-001-2 Datasheet
95Kb / 6P
ARX4404 & 4407 Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4404-201-1 AEROFLEX-ARX4404-201-1 Datasheet
95Kb / 6P
ARX4404 & 4407 Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4404-201-2 AEROFLEX-ARX4404-201-2 Datasheet
95Kb / 6P
ARX4404 & 4407 Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
More results

Similar Description - ARX4418-LPFP

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT4418 AEROFLEX-ACT4418 Datasheet
75Kb / 7P
ACT4418 Molded Dual Variable Amplitude Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ACT4419D AEROFLEX-ACT4419D Datasheet
78Kb / 6P
Dual Variable Amplitude Transceivers for MIL-STD-1553
ACT4454 AEROFLEX-ACT4454 Datasheet
173Kb / 8P
ACT 4454 / 4460 Single Supply Transceivers for MIL-STD-1553A/B & MacAir A3818, A4905, A5232 & A5690
ACT4808 AEROFLEX-ACT4808 Datasheet
106Kb / 8P
ACT4808 DUAL TRANSCEIVERS FOR MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4404 AEROFLEX-ARX4404 Datasheet
95Kb / 6P
ARX4404 & 4407 Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4808 AEROFLEX-ARX4808 Datasheet
141Kb / 6P
VARX4808 Dual Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4810 AEROFLEX-ARX4810 Datasheet
91Kb / 6P
ARX4810 & 4810FP Universal Dual Transceivers for MIL-STD-1553 & MACAIR A3818, A5690, A5232 & A4905
ACT4404N AEROFLEX-ACT4404N Datasheet
165Kb / 8P
Single Transceiver for MACAIR (A3818, A4905, A5232, A5690), MIL-STD-1553 & SAE-AS15531
ACT4404N AEROFLEX-ACT4404N_07 Datasheet
165Kb / 9P
Single Transceiver for MACAIR (A3818, A4905, A5232, A5690), MIL-STD-1553 & SAE-AS15531
ACT4808N AEROFLEX-ACT4808N Datasheet
142Kb / 9P
Dual Transceivers for MACAIR (A3818, A4905, A5232, A5690) and MIL-STD-1553A/B
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com