Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT1815 Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # CT1815
Description  CT1815 10MHz Low Level Serial Interface for MIL-STD-1397 Type D
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT1815 Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  CT1815 Datasheet HTML 1Page - Aeroflex Circuit Technology CT1815 Datasheet HTML 2Page - Aeroflex Circuit Technology CT1815 Datasheet HTML 3Page - Aeroflex Circuit Technology CT1815 Datasheet HTML 4Page - Aeroflex Circuit Technology CT1815 Datasheet HTML 5Page - Aeroflex Circuit Technology CT1815 Datasheet HTML 6Page - Aeroflex Circuit Technology CT1815 Datasheet HTML 7Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Aeroflex Circuit Technology
SCDCT1815 REV A 6/12/98 Plainview NY (516) 694-6700
2
Transmission
The CT1815 accepts synchronous NRZ Data in
conjunction with two clocks signals. The NRZ data
stream is then converted to Manchester code which
is transformer coupled to a 75 ohm Tri-axial cable for
transmission up to 1000 ft.
The transmitter may be placed into standby
condition. This reduces power consumption by
approximately 600mW. Power management is made
available via two standard TTL input pins. The
Receiver is always active and is not affected by the
power management circuitry.
The transceiver is matched for 75 ohm operation
over a wide band of frequencies. This condition is
maintained with power on and off.
Reception
The CT1815 receiver section accepts a bipolar
signal which is level detected and passed to the
serial decoder. The decoder section reconstructs
the data and strips the clock from the serial stream.
An NRZ decoded data stream is then produced
synchronously with a recovered clock. The receiver
is designed to meet the MIL-STD-1397 Type D
requirements.
Electrical Requirements
The specification detailed herein encompasses a
hybrid Transceiver/Encoder-Decoder designed to
meet the requirements of the MIL-STD-1397 Type D.
The transceiver is transformer coupled to the
specified triaxial cable and is screened to the
individual test methods of MIL-STD-883
See Figure 1 for Block Diagram. Inputs and
Outputs are all Synchronous NRZ DATA STREAMS
Transformer Isolation
The CT1815 is connected with pin 3 and pin 32 to
the ACT15-1031 transformer secondary winding.
The center tap of the secondary winding is
connected to +5 volts. For matching 75
Ω load
operation, a 78
Ω resistor must be placed across the
primary winding of the transformer.
Encoder Timing / Transmitter Specification
Symbol
Parameter / Condition
Min
Typ
Max
Unit
Encode Timing
t1
Input data set-up time
10
40
ns
t2
Encode clock set-up time
10
40
ns
t3
Encode envelope set-up time
10
40
ns
t4
Encode envelope turn-off time
10
35
ns
t5
Transmitter activation set-up time
150
ns
t6
Transmitter deactivation hold-time
50
ns
tw1
20 MHz gated CK pulse width high
20
30
ns
tw2
Encoder shift CK pulse width high
45
55
ns
Output Signals
Va
Output amplitude (see Figure 2)
2.75
3.25
3.75
V
T
Pulse period
97
100
103
ns
Ts
Width of 1st positive half bit
45
65
ns
Te
Width of last half bit
47
65
ns
T/2
Half pulse period
47
50
53
ns
Tr
Pulse rise time
2.0
V/ns
Tf
Pulse fall time
2.0
V/ns
Vs
Voltage overshoot
350
mV
Tos
Offset Voltage 2T after last zero crossing
150
mV
Tdtx
Delay from 20 MHz clock input to data output on
transformer secondary
20
55
ns
Zo
Output Impedance
70
75
80
Ω



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com