Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT1815 Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # CT1815
Description  CT1815 10MHz Low Level Serial Interface for MIL-STD-1397 Type D
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT1815 Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  CT1815 Datasheet HTML 1Page - Aeroflex Circuit Technology CT1815 Datasheet HTML 2Page - Aeroflex Circuit Technology CT1815 Datasheet HTML 3Page - Aeroflex Circuit Technology CT1815 Datasheet HTML 4Page - Aeroflex Circuit Technology CT1815 Datasheet HTML 5Page - Aeroflex Circuit Technology CT1815 Datasheet HTML 6Page - Aeroflex Circuit Technology CT1815 Datasheet HTML 7Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
BIT N
BIT 2
BIT 1
BIT 0
t1
t2
tW2
t3
t5
Tf
P1
P2
tW1
t4
t6
Va
VS
VUS
TdTX
Tr
T/2
T
Te
2T
T
TOS
90%
10%
90%
10%
NRZ
Serial Input
Encoder
Shift Clock Input
20 MHz
GATED Clock
NRZ
Envelope
Encoder Enable
Power Management
Pin
Transmitter
Output
P1 = 50ns ±0.1%
P2 = 100ns ±0.1%
Figure 2 Encoder – Transmitter Timing



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com