Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT1815FP Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # CT1815FP
Description  CT1815 10MHz Low Level Serial Interface for MIL-STD-1397 Type D
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT1815FP Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

  CT1815FP Datasheet HTML 1Page - Aeroflex Circuit Technology CT1815FP Datasheet HTML 2Page - Aeroflex Circuit Technology CT1815FP Datasheet HTML 3Page - Aeroflex Circuit Technology CT1815FP Datasheet HTML 4Page - Aeroflex Circuit Technology CT1815FP Datasheet HTML 5Page - Aeroflex Circuit Technology CT1815FP Datasheet HTML 6Page - Aeroflex Circuit Technology CT1815FP Datasheet HTML 7Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Aeroflex Circuit Technology
SCDCT1815 REV A 6/12/98 Plainview NY (516) 694-6700
6
Load and Drive Definitions
1 S load: requires
IIL = -2mA max., VIL = 0.8V max
IIH = 50µA max., VIH = 2.5V min CIN < 15 pf
1 S drive:
IOH = 50µA min., VOH = 2.5V min
IOL = -2 mA min., VOL = 0.5V max
Absolute Maximum Ratings
VCC (Pins 23, 24) +7 Volts Max
VEE (Pins 7, 17)
-7 Volts Max
Logic Input Voltage Applied:
Logic Low
-1.2V @ 10mA Max
Logic High
+5.5 Volts
Damage will not result from cable open circuits or
short circuits (on the transformer primary) of the
following types:
•
Line-to-line
•
Line-to-ground
•
120V AC 60Hz common mode signal
Environmental Parameters
Operating Temperature
-55°C to +100°C Case
Storage Temperature
-55°C to +150°C
Screened per individual test methods of
MIL-STD-883.
Power Consumption
Current (mA)
Typ
Max
ICC Standby mode
235
305
IEE Standby mode
75
100
ICC 100% Transmission
447
585
IEE 100% Transmission
242
315



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com