Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT1815FP Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # CT1815FP
Description  CT1815 10MHz Low Level Serial Interface for MIL-STD-1397 Type D
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT1815FP Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  CT1815FP Datasheet HTML 1Page - Aeroflex Circuit Technology CT1815FP Datasheet HTML 2Page - Aeroflex Circuit Technology CT1815FP Datasheet HTML 3Page - Aeroflex Circuit Technology CT1815FP Datasheet HTML 4Page - Aeroflex Circuit Technology CT1815FP Datasheet HTML 5Page - Aeroflex Circuit Technology CT1815FP Datasheet HTML 6Page - Aeroflex Circuit Technology CT1815FP Datasheet HTML 7Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
eroflex Circuit T
echnology – Data Bus Modules For The Future © SCDCT1815 REV A 6/12/98
Features
• Internally set threshold
• Matched to 50 ohm system impedance power on and off
• Operates with ±5 volt supplies
• Power management
• Accepts synchronous input data
• Unique Manchester decoder requires no clock
• Generates one clock per received bit
• May be used for serial decoding of indefinite word lengths
• Other Wire and Fiber Optic types available
General Description
The CT1815 is a single hybrid micro-circuit which incorporates a serial encoder, transceiver, and Manchester decoder
in one package. The encoder accepts serial NRZ data in conjunction with two synchronous clocks. This data stream is
then Manchester encoded and maybe transformer coupled thru an external transformer to a 75 ohm tri-axial cable for
transmission through up to 1000 feet of cable. The CT1815 receiver section accepts bipolar Manchester encoded
signals and passes level detected signals to the serial decoder. The serial decoder reconstructs an NRZ data stream
with derived clock. This allows the data to be processed by our CT2500 monolithic protocol chip for MIL-STD-1397 serial
interfaces. All the input and output signals of the CT1815 are completely compatible with the CT2500. The CT1815 has
a power management function. A transmitter standby mode is available to reduce the overall power consumption of the
CT1815. Aeroflex Circuit Technology is an 80,000ft2 MIL-PRF-38534 certified facility in Plainview, N.Y.
CIRCUIT TECHNOLOGY
www.aeroflex.com
for MIL-STD-1397 Type D
10MHz Low Level Serial Interface
F
I
E
I
D
C
E
R T
F
L E
X L A
ISO
9001
Serial
Manchester
Encoder
Power
Management
Manchester
Decoder
and
Clock Regeneration
Data
Reconstruction
Serial NRZ Data
10 MHz Shift Clock
20 MHz Gated Clock
Envelope
Master Reset
Encoder Enable
Power Management
Decoded Data Envelope
ClockR
Decoded DataR
Rx Strobe
XFMR SEC/DATA Input
Primary
Output
+5V
XFMR SEC/DATA Input
Data
Primary
Output
Data
XFMR SEC
XFMR SEC
Figure 1 – Block Diagram
External to
Hybrid
1CT:1
ACT15-1031
CT1815
78
Ω


Similar Part No. - CT1815FP

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
CT181003ALM AAC-CT181003ALM Datasheet
200Kb / 3P
Chip Resistors - Tin / Gold Terminations Available
CT181003ALM AAC-CT181003ALM Datasheet
700Kb / 3P
Thin Film Precision Chip Resistors
CT181003ALO AAC-CT181003ALO Datasheet
200Kb / 3P
Chip Resistors - Tin / Gold Terminations Available
CT181003ALO AAC-CT181003ALO Datasheet
700Kb / 3P
Thin Film Precision Chip Resistors
CT181003AMM AAC-CT181003AMM Datasheet
200Kb / 3P
Chip Resistors - Tin / Gold Terminations Available
More results

Similar Description - CT1815FP

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
CT1469-2 AEROFLEX-CT1469-2 Datasheet
90Kb / 10P
CT1469-2 MIL-STD-1397 Type E 10MHz Transceiver
CT1496-2 AEROFLEX-CT1496-2 Datasheet
91Kb / 9P
CT1496-2 MIL-STD-1397 Type E 10MHz Low Level Serial Manchester 32 Bit Encoder
CT1508-2 AEROFLEX-CT1508-2 Datasheet
74Kb / 8P
CT1508-2 MIL-STD-1397 Type E 10MHz Serial Manchester 4-Bit SIS / SOS Decoder
CT1698 AEROFLEX-CT1698 Datasheet
82Kb / 7P
CT1698 MIL-STD-1397 Type E 10MHz Low Level Serial Interface
CT2500 AEROFLEX-CT2500 Datasheet
144Kb / 10P
CT2500 MIL-STD-1397 Type D & E Low Level Serial Interface Protocol Chip
logo
Holt Integrated Circuit...
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
logo
MMD Components
MVIL2 MMD-MVIL2 Datasheet
141Kb / 2P
MIL-STD-883 Level B Screening Available
MVIP5 MMD-MVIP5 Datasheet
141Kb / 2P
MIL-STD-883 Level B Screening Available
MVLP2 MMD-MVLP2 Datasheet
106Kb / 2P
MIL-STD-883 Level B
MVLV2 MMD-MVLV2 Datasheet
106Kb / 2P
MIL-STD-883 Level B Screening Available
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com