Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT1820 Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # CT1820
Description  CT1820 Data Terminal Bit Processor for MIL-STD-1553 A & B
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT1820 Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  CT1820 Datasheet HTML 1Page - Aeroflex Circuit Technology CT1820 Datasheet HTML 2Page - Aeroflex Circuit Technology CT1820 Datasheet HTML 3Page - Aeroflex Circuit Technology CT1820 Datasheet HTML 4Page - Aeroflex Circuit Technology CT1820 Datasheet HTML 5Page - Aeroflex Circuit Technology CT1820 Datasheet HTML 6Page - Aeroflex Circuit Technology CT1820 Datasheet HTML 7Page - Aeroflex Circuit Technology CT1820 Datasheet HTML 8Page - Aeroflex Circuit Technology CT1820 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Aeroflex Circuit Technology
SCDCT1820 REV D 6/25/99 Plainview NY (516) 694-6700
2
Absolute Maximum Ratings
Parameter
Units
Supply Voltage
+7.0
V
Logic Input Voltage
-0.3 to +5.5
V
Logic Input Current
-20 to +4
mA
Clock Output Current (Pin 18)
15
mA
Clock In (Pin 17)
-0.3 to VCC +0.3V
V
Storage Temperature Range
-65 to +150
°C
Operating Case Temperature Range
-55 to +125
°C
Electrical Characteristics
(VCC = 5.0V ±5%)
Sym
Parameter / Conditions
Min
Typ
Max
Units
VIH
Logic "1" Input Voltage
2.0
-
-
V
VIL
Logic "0" Input Voltage
-
-
0.7
V
VOH
Logic "1" Output Voltage
See Pin assignments and Loading
VOL
Logic "0" Output Voltage
See Pin assignments and Loading
VIHC
Logic "1" Input Voltage (CLOCK)
VCC-0.5
-
V
VILC
Logic "0" Input Voltage (CLOCK)
-
GND+0.5
V
VOHC
Logic "1" Output Voltage (CLOCK)
VCC-0.3
-
V
VOLC
Logic "0" Output Voltage (CLOCK)
-
GND+0.3
V
lOC
Logic Supply Current
-
40
-
mA
lOSC
Oscillator / Clock Supply Current
8
13
mA
DATA
BUS
RX
DATA
IN
RX
DATA
IN
TX
DATA
OUT
TX
DATA
OUT
TX
DATA
IN
TX
DATA
IN
RX
DATA
OUT
RX
DATA
OUT
DATA
IN
DATA
IN
DATA
DATA
OUT
TX
INHIBIT
OUT
XTAL
12
MHz
CONTROL
DATA
16 BIT
OR
8 BIT
SUB-
SYSYEM
22
21
26
25
29
CT1820
OR
CT1553
BIT
PROCESSOR
1
25
2
26
10
7
33
32
31
CT3231
T/R
HYBRID
Figure 2 – Typical MIL-STD-1553 Data Terminal



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com