Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT1820 Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # CT1820
Description  CT1820 Data Terminal Bit Processor for MIL-STD-1553 A & B
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT1820 Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  CT1820 Datasheet HTML 1Page - Aeroflex Circuit Technology CT1820 Datasheet HTML 2Page - Aeroflex Circuit Technology CT1820 Datasheet HTML 3Page - Aeroflex Circuit Technology CT1820 Datasheet HTML 4Page - Aeroflex Circuit Technology CT1820 Datasheet HTML 5Page - Aeroflex Circuit Technology CT1820 Datasheet HTML 6Page - Aeroflex Circuit Technology CT1820 Datasheet HTML 7Page - Aeroflex Circuit Technology CT1820 Datasheet HTML 8Page - Aeroflex Circuit Technology CT1820 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Aeroflex Circuit Technology
SCDCT1820 REV D 6/25/99 Plainview NY (516) 694-6700
3
PIN ASSIGNMENTS AND LOADING
In the following table, the symbols are defined as follows:
IIH= maximum input HIGH current with VIN = 2.5 volts
IIL = maximum input LOW current with VIN = 0.4 volts
IOH = maximum output HIGH current for VOUT = 2.5 volts minimum
IOL = maximum output LOW current for VOUT = 0.4 volts maximum
* Indicates use of an internal pull-up resistor
Pin
No
Name
CT1555-3
CT1820
CT1820-2
Description
IIH
(µA)
IIL
(µA)
IOH
(µA)
IOL
(mA
IIH
(µA)
IIL
(µA)
IOH
(µA)
IOL
(mA
IOL
(mA)
1
VCC
+5V Power Input
2
D8
40
-0.4
-1000 2.4
20
-0.4 -1000
6.0
10.0
Part of 16 Bit TRI-STATE l/O
3
D9
4
D10
5
D11
6
D12
7
DATA SELECT 1
20
-0.4
20
-0.4
A LOW on this input applies the contents of the SECOND
RANK REC’V REG to the D8-D15 I/O pins
8
A3*
-1500
-3.2
20
-0.4
Part of 5 Bit ADDRESS INPUT
9
A2*
10
A1*
11
GROUND
Logic and power return
12
A4*
-1500
-3.2
20
-0.4
MSB of 5 Bit ADDRESS INPUT
13
A0*
LSB of 5 Bit ADDRESS INPUT
14
VALID WORD
-400
2.4
-400
4.0
4.0
A LOW on this output indicates receipt of avalid word
15
FAIL SAFE
-400
2.4
-400
4.0
4.0
A HIGH on this output indicates termination of a
transmitted message that exceeds 768µs.
16
COMM / DATA SYNC
- 380
2.4
-400
4.0
4.0
A HIGH on this output indicates COMMAND (or STATUS)
word reception. A LOW indicates DATA word reception.
17
CLOCK IN
±30 ±0.003
+100
-3
+100
-3
Input for 12MHz clock (20pf load).
18
CLOCK OUT
-1000 1.0
-1000
1.0
1.0
Output of OSCILLATOR AND CLOCK DRIVER.
19
S / T SELECT
40
-0.8
20
-0.4
A HIGH on this input sets the unit in the self test mode.
20
CASE
CASE CONNECTION
21
DATA IN
20
-0.4
20
-0.4
A HIGH on this input represents a positive state on the
bus.
22
DATA IN
20
-0.4
20
-0.4
A HIGH on this input represents a negative state on the
bus. (Pins 21 and 22 must both be high when the bus is
inactive.)
23
ENC ENA
20
-0.4
20
-0.4
A LOW on this input initiates a transmit cycle.
24
SYNC SEL
20
-0.4
20
-0.4
Actuates COMMAND (or STATUS) sync for an input LOW
and DATA sync for an input HIGH.
25
DATA OUT
360
2.4
-400
4.0
4.0
A HIGH on this output produces a positive state on the
bus.
26
DATA OUT
360
2.4
-400
4.0
4.0
A HIGH on this output produces a negative state on the
bus.
27
SEND DATA
380
2.4
-400
4.0
4.0
A HlGH on this output indicates data shifting during the
transmit cycle.
28
ESC OUT
1000
1.2
-1000
1.2
1.2
LOW to HIGH transitions on thls output during HIGH
SEND DATA cause the transmit cycle data shifting to
occur.
29
XTAL
A 12MHz (parallel resonant) crystal is connected between
this pin and ground.
30
+5V
OSC
/
CLOCK
POWER
+5V power for OSCILLATOR AND CLOCK POWER
DRIVER.
31
DSC OUT
-1000 1.2
-1000
1.2
1.2
LOW to HIGH transitions on this output during LOW TAKE
DATA cause receive cycle data shifting to occur.
32
RT ENABLE
-400
2.4
-400
4.0
4.0
A HIGH on this output indicates reception of a valid
COMMAND (or STATUS) word containing the terminalís
address. It also resets the FAIL SAFE.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com