Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF3C03HD Datasheet(PDF) 1 Page - Motorola, Inc

Part # MMDF3C03HD
Description  COMPLEMENTARY DUAL TMOS POWER FET 30 VOLTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMDF3C03HD Datasheet(HTML) 1 Page - Motorola, Inc

  MMDF3C03HD Datasheet HTML 1Page - Motorola, Inc MMDF3C03HD Datasheet HTML 2Page - Motorola, Inc MMDF3C03HD Datasheet HTML 3Page - Motorola, Inc MMDF3C03HD Datasheet HTML 4Page - Motorola, Inc MMDF3C03HD Datasheet HTML 5Page - Motorola, Inc MMDF3C03HD Datasheet HTML 6Page - Motorola, Inc MMDF3C03HD Datasheet HTML 7Page - Motorola, Inc MMDF3C03HD Datasheet HTML 8Page - Motorola, Inc MMDF3C03HD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Motorola TMOS Power MOSFET Transistor Device Data
Designer's™ Data Sheet
Medium Power Surface Mount Products
Complementary TMOS
Field Effect Transistors
MiniMOS devices are an advanced series of power MOSFETs
which utilize Motorola’s High Cell Density HDTMOS process.
These miniature surface mount MOSFETs feature ultra low RDS(on)
and true logic level performance. They are capable of withstanding
high energy in the avalanche and commutation modes and the
drain–to–source diode has a very low reverse recovery time.
MiniMOS devices are designed for use in low voltage, high speed
switching applications where power efficiency is important. Typical
applications are dc–dc converters, and power management in
portable and battery powered products such as computers,
printers, cellular and cordless phones. They can also be used for
low voltage motor controls in mass storage products such as disk
drives and tape drives.
• Ultra Low RDS(on) Provides Higher Efficiency and
Extends Battery Life
• Logic Level Gate Drive — Can Be Driven by Logic ICs
• Miniature SO–8 Surface Mount Package —
Saves Board Space
• Ideal for Synchronous Rectification
• Diode Exhibits High Speed, With Soft Recovery
• IDSS Specified at Elevated Temperature
• Mounting Information for SO–8 Package Provided
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Polarity
Value
Unit
Drain–to–Source Voltage
VDSS
—
30
Vdc
Gate–to–Source Voltage
VGS
—
± 20
Vdc
Drain Current — Continuous
ID
N–Channel
5.0
Adc
P–Channel
3.0
Drain Current — Pulsed
IDM
N–Channel
25
Apk
P–Channel
15
Operating and Storage Temperature Range
TJ, Tstg
—
–55 to +150
°C
Total Power Dissipation @ TA = 25°C (1)
PD
2.0
Watts
Single Pulse Drain–to–Source Avalanche Energy — Starting TJ = 25°C
(VDD = 30 Vdc, VGS = 5.0 Vdc, IL = 9.0 Apk, L = 10 mH, RG = 25 W)
EAS
N–Channel
325
mJ
(VDD = 30 Vdc, VGS = 5.0 Vdc, IL = 9.0 Apk, L = 10 mH, RG = 25 W)
P–Channel
450
Thermal Resistance — Junction–to–Ambient (1)
R
θJA
62.5
°C/W
Maximum Lead Temperature for Soldering Purposes, 1/8
″ from Case for 10 sec.
TL
260
°C
DEVICE MARKING
D3C03HD
(1) Mounted on G10/FR4 glass epoxy board using minimum recommended footprint.
ORDERING INFORMATION
Device
Reel Size
Tape Width
Quantity
MMDF3C03HDR2
13
″
12 mm embossed tape
2500
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
Designer’s, HDTMOS and MiniMOS are trademarks of Motorola, Inc. TMOS is a registered trademark of Motorola, Inc.
Thermal Clad is a trademark of the Bergquist Company.
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by MMDF3C03HD/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1997
N–Source
1
2
3
4
8
7
6
5
Top View
N–Gate
P–Source
P–Gate
Drain
Drain
Drain
Drain
P–G
CASE 751–05, Style 11
SO–8
MMDF3C03HD
COMPLEMENTARY
DUAL TMOS POWER FET
30 VOLTS
N–CH RDS(on) = 0.050 W
P–CH RDS(on) = 0.100 W
Motorola Preferred Device
™
N–S
D
P–S
N–G
REV 1


Similar Part No. - MMDF3C03HD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMDF3200Z MOTOROLA-MMDF3200Z Datasheet
86Kb / 4P
DUAL TMOS POWER MOSFET 11.5 AMPERES 20 VOLTS
MMDF3207 MOTOROLA-MMDF3207 Datasheet
84Kb / 4P
DUAL TMOS POWER MOSFET 7.8 AMPERES 20 VOLTS
MMDF3N02HD MOTOROLA-MMDF3N02HD Datasheet
297Kb / 10P
DUAL TMOS POWER MOSFET 3.0 AMPERES 20 VOLTS
logo
ON Semiconductor
MMDF3N02HD ONSEMI-MMDF3N02HD Datasheet
127Kb / 12P
Power MOSFET 3 Amps, 20 Volts N-Channel SO-, DuaL
November, 2000 ??Rev. 6
MMDF3N02HDR2 ONSEMI-MMDF3N02HDR2 Datasheet
127Kb / 12P
Power MOSFET 3 Amps, 20 Volts N-Channel SO-, DuaL
November, 2000 ??Rev. 6
More results

Similar Description - MMDF3C03HD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMDF2C01HD MOTOROLA-MMDF2C01HD Datasheet
372Kb / 12P
COMPLEMENTARY DUAL TMOS POWER FET 2.0 AMPERES 12 VOLTS
MMDF2C02HD MOTOROLA-MMDF2C02HD Datasheet
356Kb / 12P
COMPLEMENTARY DUAL TMOS POWER FET 2.0 AMPERES 20 VOLTS
MMDF2C03HD MOTOROLA-MMDF2C03HD Datasheet
381Kb / 12P
COMPLEMENTARY DUAL TMOS POWER FET 2.0 AMPERES 30 VOLTS
MMDF4C03HD MOTOROLA-MMDF4C03HD Datasheet
275Kb / 12P
COMPLEMENTARY DUAL TMOS POWER FET 30 VOLTS
MMDF4P03HD MOTOROLA-MMDF4P03HD Datasheet
206Kb / 10P
DUAL TMOS POWER MOSFET 30 VOLTS
MMDF6N03HD MOTOROLA-MMDF6N03HD Datasheet
207Kb / 10P
DUAL TMOS POWER MOSFET 30 VOLTS
MTB30N06VL MOTOROLA-MTB30N06VL Datasheet
262Kb / 10P
TMOS POWER FET 30 AMPERES 60 VOLTS
MTB30P06V MOTOROLA-MTB30P06V Datasheet
247Kb / 10P
TMOS POWER FET 30 AMPERES 60 VOLTS
MTD1302 MOTOROLA-MTD1302 Datasheet
205Kb / 12P
TMOS POWER FET 20 AMPERES 30 VOLTS
MTDF1C02HD MOTOROLA-MTDF1C02HD Datasheet
276Kb / 14P
COMPLEMENTARY DUAL TMOS POWER FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com