Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF3C03HD Datasheet(PDF) 2 Page - Motorola, Inc

Part # MMDF3C03HD
Description  COMPLEMENTARY DUAL TMOS POWER FET 30 VOLTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMDF3C03HD Datasheet(HTML) 2 Page - Motorola, Inc

  MMDF3C03HD Datasheet HTML 1Page - Motorola, Inc MMDF3C03HD Datasheet HTML 2Page - Motorola, Inc MMDF3C03HD Datasheet HTML 3Page - Motorola, Inc MMDF3C03HD Datasheet HTML 4Page - Motorola, Inc MMDF3C03HD Datasheet HTML 5Page - Motorola, Inc MMDF3C03HD Datasheet HTML 6Page - Motorola, Inc MMDF3C03HD Datasheet HTML 7Page - Motorola, Inc MMDF3C03HD Datasheet HTML 8Page - Motorola, Inc MMDF3C03HD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MMDF3C03HD
2
Motorola TMOS Power MOSFET Transistor Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Polarity
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–to–Source Breakdown Voltage
(VGS = 0 Vdc, ID = 0.25 mAdc)
V(BR)DSS
—
30
—
—
Vdc
Zero Gate Voltage Drain Current
(VDS = 30 Vdc, VGS = 0 Vdc)
IDSS
(N)
(P)
—
—
—
—
1.0
1.0
µAdc
Gate–Body Leakage Current (VGS = ± 20 Vdc, VDS = 0)
IGSS
—
—
—
±100
nAdc
ON CHARACTERISTICS(1)
Gate Threshold Voltage (VDS = VGS, ID = 250 µAdc)
Threshold Temperature Coefficient (Negative)
VGS(th)
—
—
1.0
—
—
—
—
—
Vdc
mV/
°C
Drain–to–Source On–Resistance (VGS = 10 Vdc, ID = 3.5 Adc)
(VGS = 10 Vdc, ID = 3.5 Adc)
RDS(on)1
(N)
(P)
—
—
0.037
0.075
0.05
0.10
Ohms
Static Drain–to–Source On–Resistance
(VGS = 4.5 Vdc, ID = 2.5 Adc)
(VGS = 4.5 Vdc, ID = 2.0 Adc)
RDS(on)2
(N)
(P)
—
—
0.55
0.12
0.08
0.16
Ohms
Forward Transconductance
(VDS = 15 Vdc, ID = 3.5 Adc)
gFS
(N)
(P)
—
—
9.0
6.0
—
—
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(V
24 Vdc
Ciss
(N)
(P)
—
—
430
425
600
600
pF
Output Capacitance
(VDS = 24 Vdc,
VGS = 0 Vdc,
f = 1.0 MHz)
Coss
(N)
(P)
—
—
217
209
300
300
Transfer Capacitance
f = 1.0 MHz)
Crss
(N)
(P)
—
—
67.5
57.2
135
80
SWITCHING CHARACTERISTICS(2)
Turn–On Delay Time
(V
15 Vd
td(on)
(N)
(P)
—
—
8.2
11.7
16.4
23.4
ns
Rise Time
(VDD = 15 Vdc,
ID = 1.0 Adc,
tr
(N)
(P)
—
—
8.48
15.8
16.9
31.6
Turn–Off Delay Time
D
,
VGS = 10 Vdc,
RG = 6.0 Ω)
td(off)
(N)
(P)
—
—
89.6
167.3
179
334.6
Fall Time
tf
(N)
(P)
—
—
61.1
102.6
122
205.2
Total Gate Charge
(See Figure 8)
(V
10 Vd
QT
(N)
(P)
—
—
15.7
14.8
31.4
29.6
nC
(VDS = 10 Vdc,
ID =3 5Adc
Q1
(N)
(P)
—
—
2.0
1.7
—
—
ID = 3.5 Adc,
VGS = 10 Vdc)
Q2
(N)
(P)
—
—
4.6
4.7
—
—
Q3
(N)
(P)
—
—
3.9
3.4
—
—
SOURCE–DRAIN DIODE CHARACTERISTICS
Forward On–Voltage(2)
(IS = 1.7 Adc, VGS = 0 Vdc)
(IS = –1.7 Adc, VGS = 0 Vdc)
VSD
(N)
(P)
—
—
0.77
0.90
1.2
1.2
Vdc
Reverse Recovery Time
(N)
(ID = 3.5 Adc,
trr
(N)
(P)
—
—
54.5
77.4
—
—
ns
( D
,
VGS = 0 Vdc
dIS/dt = 100 A/µs)
ta
(N)
(P)
—
—
14.8
19.9
—
—
(P)
(ID = 3.5 Adc,
tb
(N)
(P)
—
—
39.7
57.5
—
—
Reverse Recovery Stored Charge
( D
,
VGS = 0 Vdc
dIS/dt = 100 A/µs)
QRR
(N)
(P)
—
—
0.048
0.088
—
—
µC
(1) Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.
(2) Switching characteristics are independent of operating junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com