Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT2556 Datasheet(PDF) 13 Page - Aeroflex Circuit Technology

Part # CT2556
Description  CT2553 / 2554 / 2555 / 2556 Advanced Integrated MUX (AIM) Hybrid FOR MIL-STD-1553
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2556 Datasheet(HTML) 13 Page - Aeroflex Circuit Technology

Back Button CT2556 Datasheet HTML 9Page - Aeroflex Circuit Technology CT2556 Datasheet HTML 10Page - Aeroflex Circuit Technology CT2556 Datasheet HTML 11Page - Aeroflex Circuit Technology CT2556 Datasheet HTML 12Page - Aeroflex Circuit Technology CT2556 Datasheet HTML 13Page - Aeroflex Circuit Technology CT2556 Datasheet HTML 14Page - Aeroflex Circuit Technology CT2556 Datasheet HTML 15Page - Aeroflex Circuit Technology CT2556 Datasheet HTML 16Page - Aeroflex Circuit Technology CT2556 Datasheet HTML 17Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
Aeroflex Circuit Technology
13
SCDCT2553 REV B 8/6/99 Plainview NY (516) 694-6700
BC OPERATION
Initialization of the CT2553 via a Reset or by
setting the appropriate Configuration Register bits
will result in placing the CT2553 in the BC
operating mode.
BC
MEMORY
CONFIGURATION.
The
user
configures the memory by: (1) writing the start
address of the Descriptor Stack into the Current
Area Stack Point location; (2) loading the fourth
word of each Descriptor Stack Entry (DSE) with
the start location of each message block; and (3)
loading the Message Counter with the total
number of messages to be transmitted. Note that
the Message Count must be written in 1's
compliment.
For
example,
to
transmit
one
message, load OOFE(H) (See Table 3, BC
Memory Map).
If both map areas A and B are utilized, this
procedure must be performed for each area. Note
that the Stack Pointer and Message Counter
locations are fixed; Message Block locations are
user-defined.
Each message block must be proceeded by a BC
Control Word (See Figure 14). This word informs
the CT2553 as to the format of the message
transfer. Bit 1 of the Control Word defines whether
the following message to RT 31 is to be issued in
Broadcast Mode or whether RT 31 is a unique
terminal. Memory locations must be reserved at
the end of each message for: (1) a Loop Back
Word; (2) RTU Status Word(s); and (3) received
Data words. See Figure 16, BC Message
Formats.
Message blocks may be loaded anywhere in the
non-fixed area of the shared RAM. However, each
data block may not cross a 256 word boundary
(i.e., bit 8 of the starting address of the message
block must match bit 8 of the address of the last
word of the message block).
ADDITIONAL FEATURES. The Configuration
Register – STOP ON ERROR bit can be set. This
causes the CT2553 to halt operation at the end of
the current message transfer if an error is
detected. In addition, setting the Interrupt Mask
Register bits will result in a low pulse on the
Interrupt (INT) pin with each occurrence of the
respective error, end of message or end of
message frame condition (See Configuration
Register and Interrupt Register sections).
BC TRANSFER-START SEQUENCE
After setting the CONTROLLER START bit in the
Start/Reset Register, the CT2553 takes the
following actions:
1. Reads the Current Area Stack Pointer for the
address of the Descriptor Stack Entry (DSE).
2. Stores an SOM (Start of Message) flag in the
Block Status word to indicate a transfer
operation in progress.
3. Writes the Time Tag value into the Descriptor
Stack (See Time Tag).
4. Reads the Data Block Address from the fourth
location of the DSE.
5. Starts the MIL-STD-1553 message transfer.
Upon completion of the MIL-STD-1553 message
transfer, the CT2553:
1. Generates an End Of Message (EOM) or Error
(if applicable) interrupt if enabled.
2. Reads the Stack Pointer for the address of the
DSE.
3. Updates the Block Status Word; resets SOM,
sets EOM, and sets any applicable Error bits.
4. Writes the Time Tag value into the Descriptor
Stack (See Time Tag).
5. Increment Pointers: Stack Pointer incremented
by 4 and Message Count incremented by 1.
6. If more messages remain to be sent, a BC End
Of Message (BCEOM) interrupt occurs (if
enabled).
If an error occurs and Stop On Error has been
enabled,
the
CT2553
stops
initiating
BC
Transfer-Start sequences. The Stack Pointer will
point to the next message to be transferred (See
Figure 17).
Table 3 - Typical BC Memory Map
HEX ADDRESS
FUNCTION
Fixed Areas
0100
Stack Pointer A
0101
Message Count A
0104
Stack Pointer B
0105
Message Count B
User Defined Areas
0108-013F
Not Used
0140-017F
Data Block 1
0180-01BF
Data Block 2
01C0-01FF
Data Block 3
•
•
•
•
0F00-0FFF
Descriptor Stack A
0000-00FF
Descriptor Stack B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com