Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT2556 Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # CT2556
Description  CT2553 / 2554 / 2555 / 2556 Advanced Integrated MUX (AIM) Hybrid FOR MIL-STD-1553
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2556 Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  CT2556 Datasheet HTML 1Page - Aeroflex Circuit Technology CT2556 Datasheet HTML 2Page - Aeroflex Circuit Technology CT2556 Datasheet HTML 3Page - Aeroflex Circuit Technology CT2556 Datasheet HTML 4Page - Aeroflex Circuit Technology CT2556 Datasheet HTML 5Page - Aeroflex Circuit Technology CT2556 Datasheet HTML 6Page - Aeroflex Circuit Technology CT2556 Datasheet HTML 7Page - Aeroflex Circuit Technology CT2556 Datasheet HTML 8Page - Aeroflex Circuit Technology CT2556 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Aeroflex Circuit Technology
3
SCDCT2553 REV B 8/6/99 Plainview NY (516) 694-6700
GENERAL
The CT2553 is a complete MIL-STD-1553 bus
interface
unit
containing
dual
low-power
transceivers;
Bus
Controller
(BC),
Remote
Terminal (RTU), and Bus Monitor (MT) protocol
logic; 8K x 16-bit pseudo dual port RAM; and
memory management arbitration control circuitry.
The host processor interface consists of standard
control and interrupt signals, memory expansion
capability and non-multiplexed address and data
buses.
Control of the CT2553 is accomplished entirely
through the use of three internal registers and the
shared RAM. Transfers to and from the CT2553
are executed on a word-by-word basis ensuring
minimal wait time if contention occurs.
The
specific
mods
of
operation
(1553
BC/RTU/MT) is software programmable. Memory
is configured into unique control and data block
areas based on the 1553 mode of operation.
External registers are also supported by the
CT2553 for manipulation of user data. In addition,
the
CT2553
provides
dynamic,
online
and
software initiated self-test capabilities.
Values at nominal Power Supply Voltages unless otherwise specified
PARAMETER
VALUE
UNITS
Receiver
Differential Input Voltage
40 max
Vp-p
Differential Input Impedance
7 min
K
Ω
CMRR
40 min
db
Transmitter (Direct Coupled)
Differential Output Voltage
6.0 min, 9.0 max
Vp-p
Output Rise and Fall Times
100 min, 300 max
nsec
Output Offset Voltage
±90 max
mV
Logic*
VIH
2.2 min
V
VIL
0.8 max
V
Clock
16
MHZ
Power Supplies
+5V (Logic)
+5±5%
V
-15VA (Channel A Transceiver)
-15±10%
V
-15VB (Channel B Transceiver)
-15±10%
V
+5VA (Channel A)
+5±5%
V
+5VB (Channel B)
+5±5%
V
Current Drain* (Total Package)
(TYP)/max
+5V (Idle)
(85)/170
mA
-15V (Idle)
(45)/80
mA
+5V (25% Duty Cycle)
(85)/170
mA
-15V (25% Duty Cycle)
(80)/130
mA
Temperature Range
Operating (Case)
−55 to +125
°C
Storage
−65 to +150
°C
Physical Characteristics
Size
78 pin DDIP
2.1 x 1.87 x 0.25
(53 x 47.5 x 6.4)
in
(mm)
82 pin flatpack
2.19 x 1.6 x 0.175
(55.6 x 40.6 x 4.34)
in
(mm)
* See Table 7 for pin loading characteristics.
Table 1 – CT2553 Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com