Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF3N03HD Datasheet(PDF) 5 Page - Motorola, Inc

Part # MMDF3N03HD
Description  DUAL TMOS POWER MOSFET 4.1 AMPERES 30 VOLTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMDF3N03HD Datasheet(HTML) 5 Page - Motorola, Inc

  MMDF3N03HD Datasheet HTML 1Page - Motorola, Inc MMDF3N03HD Datasheet HTML 2Page - Motorola, Inc MMDF3N03HD Datasheet HTML 3Page - Motorola, Inc MMDF3N03HD Datasheet HTML 4Page - Motorola, Inc MMDF3N03HD Datasheet HTML 5Page - Motorola, Inc MMDF3N03HD Datasheet HTML 6Page - Motorola, Inc MMDF3N03HD Datasheet HTML 7Page - Motorola, Inc MMDF3N03HD Datasheet HTML 8Page - Motorola, Inc MMDF3N03HD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MMDF3N03HD
5
Motorola TMOS Power MOSFET Transistor Device Data
SAFE OPERATING AREA
The Forward Biased Safe Operating Area curves define
the maximum simultaneous drain–to–source voltage and
drain current that a transistor can handle safely when it is for-
ward biased. Curves are based upon maximum peak junc-
tion temperature and a case temperature (TC) of 25°C. Peak
repetitive pulsed power limits are determined by using the
thermal response data in conjunction with the procedures
discussed in AN569, “Transient Thermal Resistance – Gen-
eral Data and Its Use.”
Switching between the off–state and the on–state may tra-
verse any load line provided neither rated peak current (IDM)
nor rated voltage (VDSS) is exceeded, and that the transition
time (tr, tf) does not exceed 10 µs. In addition the total power
averaged over a complete switching cycle must not exceed
(TJ(MAX) – TC)/(R
θJC).
A power MOSFET designated E–FET can be safely used
in switching circuits with unclamped inductive loads. For reli-
able operation, the stored energy from circuit inductance dis-
sipated in the transistor while in avalanche must be less than
the rated limit and must be adjusted for operating conditions
differing from those specified. Although industry practice is to
rate in terms of energy, avalanche energy capability is not a
constant. The energy rating decreases non–linearly with an
increase of peak current in avalanche and peak junction tem-
perature.
Although many E–FETs can withstand the stress of drain–
to–source avalanche at currents up to rated pulsed current
(IDM), the energy rating is specified at rated continuous cur-
rent (ID), in accordance with industry custom. The energy rat-
ing must be derated for temperature as shown in the
accompanying graph (Figure 9). Maximum energy at cur-
rents below rated continuous ID can safely be assumed to
equal the values indicated.
Figure 8. Capacitance Variation
GATE–TO–SOURCE OR DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Qg, TOTAL GATE CHARGE (nC)
RG, GATE RESISTANCE (OHMS)
1000
1
100
10
1
VSD, SOURCE–TO–DRAIN VOLTAGE (VOLTS)
1.0
1.5
2.0
3.0
2.5
0.5
0.55
0
0
2
4
6
8
ID = 3 A
TJ = 25°C
VGS
6
3
0
12
9
24
18
12
6
0
VDS
QT
Q1
Q2
Q3
10
12
10
0
10
15
25
VGS
VDS
TJ = 25°C
VDS = 0 V VGS = 0 V
1000
800
600
400
200
0
20
Ciss
Coss
Crss
5
5
Ciss
Crss
30
VDD = 15 V
ID = 3 A
VGS = 10 V
TJ = 25°C
td(on)
tr
Figure 9. Gate–to–Source and
Drain–to–Source Voltage versus Total Charge
Figure 10. Resistive Switching Time Variation
versus Gate Resistance
Figure 11. Diode Forward Voltage
versus Current
0.5
TJ = 25°C
VGS = 0 V
0.6
0.65
0.7
0.75
0.8
0.85
100
10
td(off)
tf
1200



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com