Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF3N03HD Datasheet(PDF) 3 Page - Motorola, Inc

Part # MMDF3N03HD
Description  DUAL TMOS POWER MOSFET 4.1 AMPERES 30 VOLTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMDF3N03HD Datasheet(HTML) 3 Page - Motorola, Inc

  MMDF3N03HD Datasheet HTML 1Page - Motorola, Inc MMDF3N03HD Datasheet HTML 2Page - Motorola, Inc MMDF3N03HD Datasheet HTML 3Page - Motorola, Inc MMDF3N03HD Datasheet HTML 4Page - Motorola, Inc MMDF3N03HD Datasheet HTML 5Page - Motorola, Inc MMDF3N03HD Datasheet HTML 6Page - Motorola, Inc MMDF3N03HD Datasheet HTML 7Page - Motorola, Inc MMDF3N03HD Datasheet HTML 8Page - Motorola, Inc MMDF3N03HD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MMDF3N03HD
3
Motorola TMOS Power MOSFET Transistor Device Data
TYPICAL ELECTRICAL CHARACTERISTICS
0
0
0.4
0.8
1.2
1.6
2
0
1
3
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 1. On–Region Characteristics
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
Figure 2. Transfer Characteristics
0.4
0.5
0.6
0.05
Figure 3. On–Resistance versus
Gate–to–Source Voltage
ID, DRAIN CURRENT (AMPS)
Figure 4. On–Resistance versus Drain Current
and Gate Voltage
1
100
Figure 5. On–Resistance Variation
with Temperature
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 6. Drain–to–Source Leakage Current
versus Voltage
VDS ≥ 10 V
TJ = –55°C
25
°C
100
°C
0.3
4
2
0.1
TJ = 25°C
2
4
6
5
1
2
2.5
3
3.5
4
0.2
0.08
0
0.5
1
2.5
3
10
0
5
10
15
30
2.7 V
20
25
0
0.06
0.07
3
2
3
4
5
8
6
7
9
10
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
1.5
2
10 V
VGS = 4.5
TJ = 25°C
TJ, JUNCTION TEMPERATURE (°C)
– 50
0
50
100
150
0
0.5
1.0
1.5
2.0
VGS = 10 V
ID = 1.5 A
125
75
25
– 25
VGS = 0 V
TJ = 125°C
100
°C
0.2
0.6
1.8
1.4
1
5
6
2.5 V
2.9 V
3.1 V
3.3 V
3.5 V
3.7 V
4.5 V
4.3 V
3.9 V
4.1 V
VGS = 10 V
ID = 1.5 A
TJ = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com