Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC-360 Datasheet(PDF) 1 Page - SL Power Electronics

Part # SC-360
Description  Output voltages from 3.3 V to 48 V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

SC-360 Datasheet(HTML) 1 Page - SL Power Electronics

  SC-360 Datasheet HTML 1Page - SL Power Electronics SC-360 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Condor D.C. Power Supplies, Inc., A subsidiary of SL Industries, Inc. 805-486-4565 • (800) 235-5929 Fax: (805) 487-8911 http://www.condorpower.com
100, 150, 165, 180, 250, 350,
360, 500, 520 WATTS
SINGLE OUTPUT
MODEL
OUTPUT RATING
PWR OUT
SC-5-100
5V @ 100A
500
SC-12-42
12V @ 42A
500
SC-15-34
15V @ 34A
500
SC-24-21
24V @ 21A
500
SC-28-18
28V @ 18A
500
SC-48-11
48V @ 11A
520
MODEL
OUTPUT RATING
PWR OUT
SC-5-70
5V@ 70A
350
SC-12-30
12V@ 30A
360
SC-15-24
15V@ 24A
360
SC-24-15
24V@ 15A
360
SC-28-13
28V@ 13A
360
SC-48-8
48V@ 8A
360
350 WATTS 11.5” x 5” x 2.5”
MODEL
OUTPUT RATING
PWR OUT
SC-3.3-50
3.3V @ 50A
165
SC-5-50
5V @ 50A
250
SC-12-21
12V @ 21A
250
SC-15-17
15V @ 17A
250
SC-24-11
24V @ 11A
250
SC-28-9
28V @ 9A
250
SC-48-5.5
48V @ 5.5A
250
250 WATTS 9” x 5” x 2.5”
MODEL
OUTPUT RATING
PWR OUT
SC-3.3-30
3.3V @ 30A
100
SC-5-30
5V @ 30A
150
SC-12-15
12V @ 15A
180
SC-15-12
15V @ 12A
180
SC-24-7.5
24V @ 7.5A
180
SC-28-6.5
28V @ 6.5A
180
SC-48-3.7
48V @ 3.7A
180
150 WATTS 9” x 5” x 2.5” L FRAME
500 WATTS 11.5” x 5” x 2.5”
Consider this series of single output
switching power supplies for the design
of your high end OEM products ranging
from process controls to sophisticated
telecommunications systems.
Incorporating Condor design features
such as surface mount components and
single PCB construction for high reliability,
these switchers are rugged enough to
withstand the harsh environments that
typify industrial control applications. They
also incorporate the sophistication and
advance design features needed to
power computer and telecommunications
systems.
Check out the specifications of this
series, your single choice for single output
switchers.
Option C
Option F
STANDARD SC SERIES
Condor D.C. Power Supplies, Inc., A subsidiary of SL Industries, Inc. 805-486-4565 • (800) 235-5929 Fax: (805) 487-8911 http://www.condorpower.com
SC-100
SC-350
SC-150
SC-360
SC-165
SC-500
SC-180
SC-520
SC-250
Featuring:
• Output voltages from 3.3 V to 48 V
• Power density to 3.6 watts/in3
• Meets international safety agency
requirements
• Remote sense, thermal protection,
and OVP
• Cannot be damaged by no load or
low line conditions
• AC automatic line selection option
• System air or self cooling options
• Available in 48 Vdc input


Similar Part No. - SC-360

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
SC-361 FOTEK-SC-361 Datasheet
2Mb / 4P
DIN 72X72 MULTI-FUNCTION COUNTER
SC-3616 FOTEK-SC-3616 Datasheet
2Mb / 4P
DIN 72X72 MULTI-FUNCTION COUNTER
SC-362 FOTEK-SC-362 Datasheet
2Mb / 4P
DIN 72X72 MULTI-FUNCTION COUNTER
SC-3626 FOTEK-SC-3626 Datasheet
2Mb / 4P
DIN 72X72 MULTI-FUNCTION COUNTER
SC-362M FOTEK-SC-362M Datasheet
1Mb / 2P
DIN 72x72 COUNTER&METER
More results

Similar Description - SC-360

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP91 ONSEMI-MC100EP91 Datasheet
168Kb / 10P
2.5 V/3.3 V Any Level Positive Input to -3.3 V/-5.5 V NECL Output Translator
August, 2006 ??Rev. 1
logo
XP Power Limited
VCP24US05 XPPOWER-VCP24US05 Datasheet
422Kb / 2P
Low Cost, Output Voltages from 5 to 24 V, PCB Mount
logo
Crydom Inc.,
H12WD4850PG CRYDOM-H12WD4850PG Datasheet
1Mb / 5P
Ratings from 25A to 125A @ 48-660 V AC
logo
XP Power Limited
AED XPPOWER-AED Datasheet
111Kb / 4P
Single Outputs from 5 V to 48 V
AEH XPPOWER-AEH Datasheet
617Kb / 5P
Output Voltages from 2.5 V to 48 V
ECP XPPOWER-ECP Datasheet
362Kb / 2P
Single Outputs from 3.3 to 48 V
logo
ON Semiconductor
MC100LVEL91 ONSEMI-MC100LVEL91_16 Datasheet
146Kb / 6P
3.3 V Triple LVPECL Input to -3.3 V to -5.0 V ECL Output Translator
July, 2016 ??Rev. 12
NB100LVEP91 ONSEMI-NB100LVEP91_16 Datasheet
182Kb / 11P
2.5 V/3.3 V Any Level Positive Input to -2.5 V/-3.3 V LVNECL Output Translator
August, 2016 ??Rev. 19
logo
XP Power Limited
AML180 XPPOWER-AML180 Datasheet
75Kb / 2P
Single Outputs from 18 V to 48 V
CU20 XPPOWER-CU20 Datasheet
410Kb / 2P
Single Outputs from 3.3 V to 24 V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com