Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4635 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE4635
Description  75 Ohm BNC Female Bulkhead Connector Clamp/ Solder Attachment For RG6, .480 inch D Hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4635 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE4635 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4635 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4635 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
75 Ohm BNC Female Bulkhead Connector Clamp/Solder Attachment For RG6, .480 inch D Hole from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm BNC Female Bulkhead Connector Clamp/Solder Attachment For RG6, .480 inch D Hole
PE4635
URL: http://www.pasternack.com/bnc-female-standard-rg6-connector-pe4635-p.aspx
PE4635
PE4635 REV
75 Ohm BNC Female Bulkhead Connector Clamp/
Solder Attachment For RG6, .480 inch D Hole



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com