Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4635 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4635
Description  75 Ohm BNC Female Bulkhead Connector Clamp/ Solder Attachment For RG6, .480 inch D Hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4635 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4635 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4635 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4635 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
75 Ohm BNC Female Bulkhead Connector Clamp/Solder Attachment For RG6, .480 inch D Hole
Configuration
Connector
BNC Female
Connector Specification
MIL-C-39012
Connector Interface Type
RG6
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
75
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.5 [38.1]
Width/Dia., in [mm]
0.75 [19.05]
.
Weight, lbs [g]
0.096 [43.54]
Connector
Type
BNC Female
Contact Material and Plating
Silver
Contact Plating Specification
QQ-S-365
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm BNC Female Bulkhead Connector Clamp/Solder Attachment For RG6, .480 inch D
Hole PE4635
PE4635
PE4635 REV
75 Ohm BNC Female Bulkhead Connector Clamp/
Solder Attachment For RG6, .480 inch D Hole


Similar Part No. - PE4635

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4630 PASTERNACK-PE4630 Datasheet
214Kb / 2P
75 Ohm BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Hole Spacing
PE4631 PASTERNACK-PE4631 Datasheet
217Kb / 3P
75 Ohm BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4632 PASTERNACK-PE4632 Datasheet
241Kb / 3P
BNC Female Bulkhead Connector Clamp - Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393, .480 inch D Hole
PE4633 PASTERNACK-PE4633 Datasheet
222Kb / 3P
75 Ohm BNC Male Connector Crimp/ Solder Attachment For PE-B150
PE4634 PASTERNACK-PE4634 Datasheet
245Kb / 2P
75 Ohm BNC Male Connector Crimp/ Solder Attachment For PE-B305
More results

Similar Description - PE4635

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44175 PASTERNACK-PE44175 Datasheet
357Kb / 2P
75 Ohm TNC Female Bulkhead Connector Clamp/Solder Attachment For RG59, .480 inch D Hole
PE4636 PASTERNACK-PE4636 Datasheet
267Kb / 2P
75 Ohm BNC Female Bulkhead Connector Clamp/Solder Attachment For RG11, RG216, .480 inch D Hole
PE4637 PASTERNACK-PE4637 Datasheet
288Kb / 3P
75 Ohm BNC Female Bulkhead Connector Clamp/ Solder Attachment For RG59, .480 inch D Hole
PE44173 PASTERNACK-PE44173 Datasheet
240Kb / 3P
75 Ohm TNC Female Bulkhead Connector Clamp/ Solder Attachment For RG6, .480 inch D Hole
PE44174 PASTERNACK-PE44174 Datasheet
225Kb / 2P
75 Ohm TNC Female Bulkhead Connector Clamp/Solder Attachment For RG11, RG216, .480 inch D Hole
PE4597 PASTERNACK-PE4597 Datasheet
228Kb / 2P
75 Ohm BNC Male Connector Clamp/Solder Attachment For RG6
PE4611 PASTERNACK-PE4611 Datasheet
226Kb / 2P
75 Ohm BNC Female Connector Clamp/ Solder Attachment For RG6
PE4638 PASTERNACK-PE4638 Datasheet
217Kb / 2P
75 Ohm BNC Female Bulkhead Connector Crimp - Solder Attachment For RG59, .480 inch D Hole
PE44176 PASTERNACK-PE44176 Datasheet
311Kb / 2P
75 Ohm TNC Female Bulkhead Connector Clamp - Solder Attachment For RG179, RG187, .480 inch D Hole
PE44687 PASTERNACK-PE44687 Datasheet
284Kb / 3P
75 Ohm BNC Female Bulkhead Connector Crimp - Solder Attachment For 735A, .480 inch D Hole
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com