Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF4P03HD Datasheet(PDF) 1 Page - Motorola, Inc

Part # MMDF4P03HD
Description  DUAL TMOS POWER MOSFET 30 VOLTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMDF4P03HD Datasheet(HTML) 1 Page - Motorola, Inc

  MMDF4P03HD Datasheet HTML 1Page - Motorola, Inc MMDF4P03HD Datasheet HTML 2Page - Motorola, Inc MMDF4P03HD Datasheet HTML 3Page - Motorola, Inc MMDF4P03HD Datasheet HTML 4Page - Motorola, Inc MMDF4P03HD Datasheet HTML 5Page - Motorola, Inc MMDF4P03HD Datasheet HTML 6Page - Motorola, Inc MMDF4P03HD Datasheet HTML 7Page - Motorola, Inc MMDF4P03HD Datasheet HTML 8Page - Motorola, Inc MMDF4P03HD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Motorola TMOS Power MOSFET Transistor Device Data
Advance Information
Medium Power Surface Mount Products
TMOS Dual P-Channel
Field Effect Transistors
Dual HDTMOS devices are an advanced series of power
MOSFETs which utilize Motorola’s High Cell Density TMOS
process. Dual HDTMOS devices are designed for use in low
voltage, high speed switching applications where power efficiency
is important. Typical applications are dc–dc converters, and power
management in portable and battery powered products such as
computers, printers, cellular and cordless phones. They can also
be used for low voltage motor controls in mass storage products
such as disk drives and tape drives.
• Low RDS(on) Provides Higher Efficiency and Extends Battery Life
• Logic Level Gate Drive — Can Be Driven by Logic ICs
• Miniature SO–8 Surface Mount Package — Saves Board Space
• Diode Is Characterized for Use In Bridge Circuits
• Diode Exhibits High Speed, With Soft Recovery
• IDSS Specified at Elevated Temperature
• Mounting Information for SO–8 Package Provided
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain–to–Source Voltage
VDSS
30
Vdc
Gate–to–Source Voltage — Continuous
VGS
± 20
Vdc
Drain Current — Continuous @ TA = 25°C
Drain Current — Single Pulse (tp ≤ 10 µs)
ID
IDM
4.0
20
Adc
Apk
Source Current — Continuous @ TA = 25°C
IS
1.7
Adc
Total Power Dissipation @ TA = 25°C (1)
PD
2.0
Watts
Operating and Storage Temperature Range
TJ, Tstg
– 55 to 150
°C
Single Pulse Drain–to–Source Avalanche Energy — Starting TJ = 25°C
(VDD = 30 Vdc, VGS = 5.0 Vdc, VDS = 20 Vdc, IL = 9.0 Apk, L = 10 mH, RG = 25 W)
EAS
450
mJ
Thermal Resistance — Junction–to–Ambient
R
θJA
62.5
°C/W
Maximum Lead Temperature for Soldering Purposes, 1/8
″ from Case for 10 sec.
TL
260
°C
DEVICE MARKING
D4P03
(1) Mounted on G10/FR4 glass epoxy board using minimum recommended footprint.
ORDERING INFORMATION
Device
Reel Size
Tape Width
Quantity
MMDF4P03HDR2
13
″
12 mm embossed tape
2500
This document contains information on a new product. Specifications and information herein are subject to change without notice.
HDTMOS is a trademark of Motorola, Inc. TMOS is a registered trademark of Motorola, Inc.
Thermal Clad is a trademark of the Bergquist Company.
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by MMDF4P03HD/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1997
Source–1
1
2
3
4
8
7
6
5
Top View
Gate–1
Source–2
Gate–2
Drain–1
Drain–1
Drain–2
Drain–2
D
S
G
CASE 751–05, Style 11
SO–8
MMDF4P03HD
DUAL TMOS
POWER MOSFET
30 VOLTS
RDS(on) = 85 mW
Motorola Preferred Device
™
D
S
G


Similar Part No. - MMDF4P03HD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMDF4P03HD ONSEMI-MMDF4P03HD Datasheet
207Kb / 8P
P-channel SO-8 Power MOSFET
August, 2006 ??Rev. 3
MMDF4P03HDR2 ONSEMI-MMDF4P03HDR2 Datasheet
207Kb / 8P
P-channel SO-8 Power MOSFET
August, 2006 ??Rev. 3
More results

Similar Description - MMDF4P03HD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMDF3C03HD MOTOROLA-MMDF3C03HD Datasheet
272Kb / 12P
COMPLEMENTARY DUAL TMOS POWER FET 30 VOLTS
MMDF3N03HD MOTOROLA-MMDF3N03HD Datasheet
281Kb / 10P
DUAL TMOS POWER MOSFET 4.1 AMPERES 30 VOLTS
MMDF3N06HD MOTOROLA-MMDF3N06HD Datasheet
213Kb / 10P
DUAL TMOS POWER MOSFET 60 VOLTS
MMDF3P03HD MOTOROLA-MMDF3P03HD Datasheet
203Kb / 10P
DUAL TMOS POWER MOSFET 30 VOLTS
MMDF4C03HD MOTOROLA-MMDF4C03HD Datasheet
275Kb / 12P
COMPLEMENTARY DUAL TMOS POWER FET 30 VOLTS
MMDF6N03HD MOTOROLA-MMDF6N03HD Datasheet
207Kb / 10P
DUAL TMOS POWER MOSFET 30 VOLTS
MMSF10N03Z MOTOROLA-MMSF10N03Z Datasheet
196Kb / 10P
SINGLE TMOS POWER MOSFET 10 AMPERES 30 VOLTS
MMSF3300 MOTOROLA-MMSF3300 Datasheet
229Kb / 12P
SINGLE TMOS POWER MOSFET 30 VOLTS
MMSF3305 MOTOROLA-MMSF3305 Datasheet
80Kb / 4P
SINGLE TMOS POWER MOSFET 9.1 AMPERES 30 VOLTS
MMSF7P03HD MOTOROLA-MMSF7P03HD Datasheet
214Kb / 10P
SINGLE TMOS POWER MOSFET 30 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com