Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF5N02Z Datasheet(PDF) 1 Page - Motorola, Inc

Part # MMDF5N02Z
Description  DUAL TMOS POWER MOSFET 5.0 AMPERES 20 VOLTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMDF5N02Z Datasheet(HTML) 1 Page - Motorola, Inc

  MMDF5N02Z Datasheet HTML 1Page - Motorola, Inc MMDF5N02Z Datasheet HTML 2Page - Motorola, Inc MMDF5N02Z Datasheet HTML 3Page - Motorola, Inc MMDF5N02Z Datasheet HTML 4Page - Motorola, Inc MMDF5N02Z Datasheet HTML 5Page - Motorola, Inc MMDF5N02Z Datasheet HTML 6Page - Motorola, Inc MMDF5N02Z Datasheet HTML 7Page - Motorola, Inc MMDF5N02Z Datasheet HTML 8Page - Motorola, Inc MMDF5N02Z Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Motorola TMOS Power MOSFET Transistor Device Data
Designer's™ Data Sheet
Medium Power Surface Mount Products
TMOS Dual N-Channel with
Monolithic Zener ESD
Protected Gate
EZFETs
™ are an advanced series of power MOSFETs which
utilize Motorola’s High Cell Density HDTMOS process and contain
monolithic back–to–back zener diodes. These zener diodes
provide protection against ESD and unexpected transients. These
miniature surface mount MOSFETs feature low RDS(on) and true
logic level performance. They are capable of withstanding high
energy in the avalanche and commutation modes and the
drain–to–source diode has a very low reverse recovery time.
EZFET devices are designed for use in low voltage, high speed
switching applications where power efficiency is important.
• Zener Protected Gates Provide Electrostatic Discharge Protection
• Low RDS(on) Provides Higher Efficiency and Extends Battery Life
• Logic Level Gate Drive — Can Be Driven by Logic ICs
• Miniature SO–8 Surface Mount Package — Saves Board Space
• Diode Exhibits High Speed, With Soft Recovery
• IDSS Specified at Elevated Temperature
• Mounting Information for SO–8 Package Provided
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain–to–Source Voltage
VDSS
20
Vdc
Drain–to–Gate Voltage (RGS = 1.0 MΩ)
VDGR
20
Vdc
Gate–to–Source Voltage — Continuous
VGS
± 12
Vdc
Drain Current — Continuous @ TA = 25°C
Drain Current — Continuous @ TA = 70°C
Drain Current — Single Pulse (tp ≤ 10 µs)
ID
ID
IDM
5.0
4.5
40
Adc
Apk
Total Power Dissipation @ TA = 25°C (1)
PD
2.0
Watts
Operating and Storage Temperature Range
TJ, Tstg
– 55 to 150
°C
Thermal Resistance — Junction to Ambient
R
θJA
62.5
°C/W
Maximum Temperature for Soldering
TL
260
°C
(1) When mounted on 1 inch square FR–4 or G–10 board (VGS = 4.5 V, @ 10 Seconds)
DEVICE MARKING
ORDERING INFORMATION
D5N02Z
Device
Reel Size
Tape Width
Quantity
D5N02Z
MMDF5N02ZR2
13
″
12 mm embossed tape
2500 units
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
Preferred devices are Motorola recommended choices for future use and best overall value.
Designer’s, HDTMOS and EZFET are trademarks of Motorola, Inc. TMOS is a registered trademark of Motorola, Inc. Thermal Clad is a trade-
mark of the Bergquist Company.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MMDF5N02Z/D
© Motorola, Inc. 1997
™
MMDF5N02Z
DUAL TMOS
POWER MOSFET
5.0 AMPERES
20 VOLTS
RDS(on) = 0.040 OHM
CASE 751–05, Style 11
SO–8
Motorola Preferred Device
Source1
Gate1
Source2
Gate2
1
2
3
4
8
7
6
5
Top View
Drain1
Drain1
Drain2
Drain2
D
S
G
REV 1


Similar Part No. - MMDF5N02Z

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMDF5N02Z ONSEMI-MMDF5N02Z Datasheet
127Kb / 12P
N?묬hannel Power MOSFET
August, 2004 ??Rev. XXX
MMDF5N02ZR2 ONSEMI-MMDF5N02ZR2 Datasheet
127Kb / 12P
N?묬hannel Power MOSFET
August, 2004 ??Rev. XXX
More results

Similar Description - MMDF5N02Z

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMDF2P02HD MOTOROLA-MMDF2P02HD Datasheet
257Kb / 10P
DUAL TMOS POWER FET 2.0 AMPERES 20 VOLTS
MMDF3200Z MOTOROLA-MMDF3200Z Datasheet
86Kb / 4P
DUAL TMOS POWER MOSFET 11.5 AMPERES 20 VOLTS
MMDF3207 MOTOROLA-MMDF3207 Datasheet
84Kb / 4P
DUAL TMOS POWER MOSFET 7.8 AMPERES 20 VOLTS
MMDF3N02HD MOTOROLA-MMDF3N02HD Datasheet
297Kb / 10P
DUAL TMOS POWER MOSFET 3.0 AMPERES 20 VOLTS
MMDF4N01HD MOTOROLA-MMDF4N01HD Datasheet
281Kb / 10P
DUAL TMOS POWER MOSFET 4.0 AMPERES 20 VOLTS
MMDF6N02HD MOTOROLA-MMDF6N02HD Datasheet
193Kb / 10P
DUAL TMOS POWER MOSFET 6.0 AMPERES 20 VOLTS
MMDF7N02Z MOTOROLA-MMDF7N02Z Datasheet
190Kb / 10P
DUAL TMOS POWER MOSFET 7.0 AMPERES 20 VOLTS
MMSF4N01HD MOTOROLA-MMSF4N01HD Datasheet
285Kb / 10P
TMOS MOSFET 5.8 AMPERES 20 VOLTS
MMSF5N02HD MOTOROLA-MMSF5N02HD Datasheet
293Kb / 10P
SINGLE TMOS POWER MOSFET 5.0 AMPERES 20 VOLTS
MMSF5N03HD MOTOROLA-MMSF5N03HD Datasheet
294Kb / 10P
SINGLE TMOS POWER MOSFET 5.0 AMPERES 30 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com