Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF5N02Z Datasheet(PDF) 2 Page - Motorola, Inc

Part # MMDF5N02Z
Description  DUAL TMOS POWER MOSFET 5.0 AMPERES 20 VOLTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMDF5N02Z Datasheet(HTML) 2 Page - Motorola, Inc

  MMDF5N02Z Datasheet HTML 1Page - Motorola, Inc MMDF5N02Z Datasheet HTML 2Page - Motorola, Inc MMDF5N02Z Datasheet HTML 3Page - Motorola, Inc MMDF5N02Z Datasheet HTML 4Page - Motorola, Inc MMDF5N02Z Datasheet HTML 5Page - Motorola, Inc MMDF5N02Z Datasheet HTML 6Page - Motorola, Inc MMDF5N02Z Datasheet HTML 7Page - Motorola, Inc MMDF5N02Z Datasheet HTML 8Page - Motorola, Inc MMDF5N02Z Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MMDF5N02Z
2
Motorola TMOS Power MOSFET Transistor Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–to–Source Breakdown Voltage
(Cpk
≥ 2.0)
(3)
(VGS = 0 Vdc, ID = 0.25 mAdc)
Temperature Coefficient (Positive)
V(BR)DSS
20
—
—
15
—
—
Vdc
mV/
°C
Zero Gate Voltage Drain Current
(VDS = 12 Vdc, VGS = 0 Vdc)
(VDS = 20 Vdc, VGS = 0 Vdc)
(VDS = 20 Vdc, VGS = 0 Vdc, TJ = 125°C)
IDSS
—
—
—
—
—
—
0.5
15
150
µAdc
Gate–Body Leakage Current (VGS = ± 12 Vdc, VDS = 0 Vdc)
IGSS
—
—
1.5
µAdc
ON CHARACTERISTICS(1)
Gate Threshold Voltage
(Cpk
≥ 2.0)
(3)
(VDS = VGS, ID = 0.25 mAdc)
Threshold Temperature Coefficient (Negative)
VGS(th)
0.5
—
0.78
3.0
1.1
—
Vdc
mV/
°C
Static Drain–to–Source On–Resistance
(Cpk
≥ 2.0)
(3)
(VGS = 4.5 Vdc, ID = 5.0 Adc)
(VGS = 2.7 Vdc, ID = 2.5 Adc)
RDS(on)
—
—
34
44
40
50
m
Ω
Forward Transconductance (VDS = 9.0 Vdc, ID = 2.0 Adc)
gFS
3.0
5.6
—
Mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(V
10 Vdc V
0 Vdc
Ciss
—
450
630
pF
Output Capacitance
(VDS = 10 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Coss
—
330
460
Transfer Capacitance
f = 1.0 MHz)
Crss
—
160
225
SWITCHING CHARACTERISTICS(2)
Turn–On Delay Time
(V
6 0 Vd
I
5 0 Ad
td(on)
—
29
37
ns
Rise Time
(VDD = 6.0 Vdc, ID = 5.0 Adc,
tr
—
182
258
Turn–Off Delay Time
( DD
, D
,
VGS = 4.5 Vdc, RG = 6 Ω)
td(off)
—
190
238
Fall Time
tf
—
225
274
Gate Charge
(V
10 Vd
I
5 0 Ad
QT
—
10.7
12
nC
(VDS = 10 Vdc, ID = 5.0 Adc,
Q1
—
1.1
—
( DS
, D
,
VGS = 4.5 Vdc)
Q2
—
5.4
—
Q3
—
3.5
—
SOURCE–DRAIN DIODE CHARACTERISTICS
Forward On–Voltage
(IS = 5.0 Adc, VGS = 0 Vdc)
(IS = 5.0 Adc, VGS = 0 Vdc, TJ = 125°C)
VSD
—
—
0.78
0.65
1.0
—
Vdc
Reverse Recovery Time
(I
5 0 Adc V
0 Vdc
trr
—
195
—
ns
(IS = 5.0 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/µs)
ta
—
72
—
dIS/dt = 100 A/µs)
tb
—
123
—
Reverse Recovery Storage Charge
QRR
—
0.5
—
µC
(1) Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.
(2) Switching characteristics are independent of operating junction temperature.
(3) Reflects typical values.
Cpk =
Max limit – Typ
3 x SIGMA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com