Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATTL7583CF Datasheet(PDF) 13 Page - Agere Systems

Part # ATTL7583CF
Description  Line Card Access Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

ATTL7583CF Datasheet(HTML) 13 Page - Agere Systems

Back Button ATTL7583CF Datasheet HTML 9Page - Agere Systems ATTL7583CF Datasheet HTML 10Page - Agere Systems ATTL7583CF Datasheet HTML 11Page - Agere Systems ATTL7583CF Datasheet HTML 12Page - Agere Systems ATTL7583CF Datasheet HTML 13Page - Agere Systems ATTL7583CF Datasheet HTML 14Page - Agere Systems ATTL7583CF Datasheet HTML 15Page - Agere Systems ATTL7583CF Datasheet HTML 16Page - Agere Systems ATTL7583CF Datasheet HTML 17Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Lucent Technologies Inc.
13
Data Sheet
February 2001
L7583A/B/C/D Line Card Access Switch
Protection (continued)
Integrated SLIC Protection (continued)
External Secondary Protector
With the above integrated protection features, only one
overvoltage secondary protection device on the loop
side of the L7583 is required. The purpose of this
device is to limit fault voltages seen by the L7583 so as
not to exceed the breakdown voltage or input-output
isolation rating of the device. To minimize stress on the
L7583, use of a foldback- or crowbar-type device is rec-
ommended. A detailed explanation and design equa-
tions on the choice of the external secondary protection
device are given in the
An Introduction to L758X Series
of Line Card Access Switches Application Note. Basic
design equations governing the choice of external sec-
ondary protector are given below.
s
|VBATmax| + |Vbreakovermax| < |Vbreakdownmin(break)|
s
|Vringingpeakmax
| + |VBATmax| + |Vbreakovermax| <
|Vbreakdownmin(ring)|
s
|Vringingpeakmax| + |VBATmax| < |Vbreakovermin|
where:
VBATmax—Maximum magnitude of battery voltage.
Vbreakovermax—Maximum magnitude breakover voltage
of external secondary protector.
Vbreakovermin—Minimum magnitude breakover voltage
of external secondary protector.
Vbreakdownmin(break)—Minimum magnitude breakdown
voltage of L7583 break switch.
Vbreakdownmin(ring)—Minimum magnitude breakdown
voltage of L7583 ring access switch.
Vringingpeakmax—Maximum magnitude peak voltage of
ringing signal.
Series current-limiting fused resistors or PTCs should
be chosen so as not to exceed the current rating of the
external secondary protector. Refer to the manufac-
turer’s data sheet for requirements.
Table 15. Electrical Specifications, Protection Circuitry
* Previous versions of this data sheet specified a Trigger Current of 50 mA minimum. Trigger Current is defined as the minimum current drawn
from tip and ring to turn on the SCR. The specification in this data sheet is Gate Trigger Current, which is defined as the maximum current
that can flow into the battery before the SCR turns on.
† Typical at 25 °C.
‡ Twice ± dynamic current limit of break switches.
§ In some instances, the typical ON-state voltage can range as low as –25 V.
Parameters Related to Diodes (in Diode Bridge)
Parameter
Test Condition
Measure
Min
Typ
Max
Unit
Voltage Drop @ Continuous Cur-
rent (50 Hz/60 Hz)
Apply ±dc current limit
of break switches
Forward
Voltage
——
3
V
Voltage Drop @ Surge
Current
Apply ±dynamic cur-
rent limit of break
switches
Forward
Voltage
—5
—
V
Parameters Related to Protection SCR
Surge Current
—
—
—
—
‡
A
Gate Trigger Current*†
——
—
25
50
mA
Gate Trigger Current† Tempera-
ture Coefficient
—
—
—
–0.5
—
%/°C
Hold Current
—
—
70
—
—
mA
Gate Trigger Voltage
Trigger current
—
VBAT – 4
—
VBAT – 2
V
Reverse Leakage Current
VBAT
——
—
1.0
µA
ON-State Voltage§
0.5 A, t = 0.5 µs
2.0 A, t = 0.5 µs
VON
—
—
—
–3
–5
—
—
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com