Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATTL7583CF Datasheet(PDF) 2 Page - Agere Systems

Part # ATTL7583CF
Description  Line Card Access Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

ATTL7583CF Datasheet(HTML) 2 Page - Agere Systems

  ATTL7583CF Datasheet HTML 1Page - Agere Systems ATTL7583CF Datasheet HTML 2Page - Agere Systems ATTL7583CF Datasheet HTML 3Page - Agere Systems ATTL7583CF Datasheet HTML 4Page - Agere Systems ATTL7583CF Datasheet HTML 5Page - Agere Systems ATTL7583CF Datasheet HTML 6Page - Agere Systems ATTL7583CF Datasheet HTML 7Page - Agere Systems ATTL7583CF Datasheet HTML 8Page - Agere Systems ATTL7583CF Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
2
Lucent Technologies Inc.
Data Sheet
February 2001
L7583A/B/C/D Line Card Access Switch
Description (continued)
The L7583Bxx and L7583Dxx versions provide only an
integrated diode bridge along with current limiting and
thermal shutdown (see Figure 2 for version B). This will
cause positive faults to be directed to ground and neg-
ative faults to battery. In either polarity, faults are
reduced by the current-limit and/or thermal shutdown
mechanisms.
To protect the L7583 from an overvoltage fault condi-
tion, use of a secondary protector is required. The sec-
ondary protector must limit the voltage seen at the tip/
ring terminals to prevent the breakdown voltage of the
switches from being exceeded. To minimize stress on
the solid-state contacts, use of a foldback- or crowbar-
type secondary protector is recommended. With proper
choice of secondary protection, a line card using the
L7583 will meet all relevant ITU-T, LSSGR, FCC, or
UL* protection requirements.
The L7583 operates off of a 5 V supply only. This gives
the device extremely low idle and active power dissipa-
tion and allows use with virtually any range of battery
voltage. This makes the L7583 especially appropriate
for remote power applications such as DAML or FOC/
FITL or other Bellcore TA 909 applications where
power dissipation is particularly critical.
A battery voltage is also used by the L7583, only as a
reference for the integrated protection circuit. The
L7583 will enter an all OFF state upon loss of battery.
During power ringing, to turn on and maintain the ON
state, the ring access switch and ring test switch will
draw a nominal 2 mA or 4 mA from the ring generator.
The L7583A/B/C/D device is packaged in a 24-pin,
plastic DIP (L7583AF/BF/CF/DF) and in a 28-pin,
plastic SOG (L7583AAJ/BAJ/CAJ/DAJ).
*
UL is a registered trademark of Underwriters Laboratories, Inc.
Pin Information
12-2364.a (F)
Note: Shown with A/C version protection. The 24-pin DIP is avail-
able with either A/C or B/D version protection.
Figure 1. 24-Pin, Plastic DIP (600 mil)
12-2365.d (F)
Note: Shown with B/D version protection. The 28-pin SOG is avail-
able with either A/C or B/D version protection.
Figure 2. 28-Pin, Plastic SOG
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
VBAT
RBAT
RLINE
NC
FGND
NC
NC
TLINE
VDD
SW1
8
9
10
LATCH
RRINGING
TTESTout
SW2
SW3
SW4
SW5
SW7
SW9
SW8
SW10
SW6
TTESTin
TBAT
TRINGING
NC
INTESTin
RTESTout
RTESTin
NC
11
12
INRING
DGND
TSD
INTESTout
CONTROL
LOGIC
SCR
AND
TRIP
CKT
28
27
26
25
24
23
22
20
19
18
17
21
16
15
1
2
3
4
5
6
7
8
VBAT
RBAT
RLINE
NC
FGND
NC
NC
TLINE
VDD
SW1
9
10
11
12
LATCH
RRINGING
NC
SW2
SW3
SW4
SW5
SW7
SW9
SW8
SW10
SW6
TTESTin
TBAT
TRINGING
TTESTout
INTESTin
RTESTout
RTESTin
NC
13
14
INRING
DGND
TSD
INTESTout
NC
NC
NC
NC
CONTROL
LOGIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com