Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATTL7583DF Datasheet(PDF) 1 Page - Agere Systems

Part # ATTL7583DF
Description  Line Card Access Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

ATTL7583DF Datasheet(HTML) 1 Page - Agere Systems

  ATTL7583DF Datasheet HTML 1Page - Agere Systems ATTL7583DF Datasheet HTML 2Page - Agere Systems ATTL7583DF Datasheet HTML 3Page - Agere Systems ATTL7583DF Datasheet HTML 4Page - Agere Systems ATTL7583DF Datasheet HTML 5Page - Agere Systems ATTL7583DF Datasheet HTML 6Page - Agere Systems ATTL7583DF Datasheet HTML 7Page - Agere Systems ATTL7583DF Datasheet HTML 8Page - Agere Systems ATTL7583DF Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Data Sheet
February 2001
L7583A/B/C/D Line Card Access Switch
Features
s
Small size/surface-mount packaging
s
Monolithic IC reliability
s
Low impulse noise
s
Make-before-break, break-before-make operation
s
Clean, bounce-free switching
s
Low, matched ON-resistance
s
Built-in current limiting, thermal shutdown, and
SLIC protection
s
5 V only operation, very low power consumption
s
Battery monitor, all OFF state upon loss of battery
s
No EMI
s
Latched logic level inputs, no driver circuitry
s
Only one external protector required
Applications
s
Central office
s
DLC
s
PBX
s
DAML
s
HFC/FITL
Description
The L7583A/B/C/D Line Card Access Switch is a
monolithic solid-state device providing the equivalent
switching functionality of three 2 form C switches.
The L7583 is designed to provide power ringing
access, line test access (test out), and SLIC test
access (test in) to tip and ring in central office, digital
loop carrier, private branch exchange, digitally added
main line, and hybrid fiber coax/fiber-in-the-loop ana-
log line card applications. An additional pair of solid-
state contacts are also available to provide access
for testing of the ringing generator.
The L7583A/B has seven states: the idle talk state
(line break switches closed, all other switches open),
the power ringing state (ringing access switches
closed, all other switches open), loop access state
(loop access switches closed, all switches open),
SLIC test state (test in switches closed, all other
switches open), simultaneous loop and SLIC
access state (loop and test in switches closed, all
others open), ringing generator test state (ring test
switches closed, all others open), and an all OFF
state. The seven states in the L7583A/B are also in
the L7583C/D, with an additional simultaneous test-
out and ring-test state, making the L7583C/D appro-
priate for digital loop carrier and other Bellcore TR-57
applications.
The L7583 offers break-before-make or make-
before-break switching, with simple logic level input
control. Because of the solid-state construction, volt-
age transients generated when switching into an
inductive ringing lead during ring cadence or ring trip
are minimized, possibly eliminating the need for
external zero cross switching circuitry. State control
is via logic level inputs, so no additional driver cir-
cuitry is required.
The line break switch is a linear switch that has
exceptionally low ON-resistance and an excellent
ON-resistance matching characteristic. The ringing
access switch has a breakdown voltage rating
>480 V which is sufficiently high, with proper protec-
tion, to prevent breakdown in the presence of a tran-
sient fault condition (i.e., passing the transient on to
the ringing generator).
Incorporated into the L7583Axx and L7583Cxx is a
diode bridge/SCR clamping circuit, current-limiting
circuitry, and a thermal shutdown mechanism to pro-
vide protection to the SLIC device and subsequent
circuitry during fault conditions. This is shown in Fig-
ure 1 as version A. Positive and negative lightning is
reduced by the current-limiting circuitry and steered
to ground via diodes and the integrated SCR. Power
cross is also reduced by the current-limiting and ther-
mal shutdown circuits.


Similar Part No. - ATTL7583DF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATTL7583AAJ ETC1-ATTL7583AAJ Datasheet
649Kb / 15P
LH1263 E&M Signaling Circuit
ATTL7583ACG ETC1-ATTL7583ACG Datasheet
649Kb / 15P
LH1263 E&M Signaling Circuit
ATTL7583AF ETC1-ATTL7583AF Datasheet
649Kb / 15P
LH1263 E&M Signaling Circuit
ATTL7583BAJ ETC1-ATTL7583BAJ Datasheet
649Kb / 15P
LH1263 E&M Signaling Circuit
ATTL7583BCG ETC1-ATTL7583BCG Datasheet
649Kb / 15P
LH1263 E&M Signaling Circuit
More results

Similar Description - ATTL7583DF

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7581 CLARE-CPC7581 Datasheet
122Kb / 12P
Line Card Access Switch
CPC7582 CLARE-CPC7582 Datasheet
147Kb / 12P
Line Card Access Switch
CPC7595 CLARE-CPC7595 Datasheet
562Kb / 25P
Line Card Access Switch
CPC7582 CLARE-CPC7582_1 Datasheet
572Kb / 19P
Line Card Access Switch
CPC7591 CLARE-CPC7591 Datasheet
556Kb / 19P
Line Card Access Switch
CPC7691 CLARE-CPC7691 Datasheet
481Kb / 17P
Line Card Access Switch
CPC75282 CLARE-CPC75282 Datasheet
672Kb / 19P
Line Card Access Switch
logo
IXYS Corporation
CPC7581 IXYS-CPC7581_12 Datasheet
1,017Kb / 15P
Line Card Access Switch
CPC7592 IXYS-CPC7592_12 Datasheet
1Mb / 19P
Line Card Access Switch
CPC7593 IXYS-CPC7593 Datasheet
321Kb / 24P
Line Card Access Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com