Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATTL7583DF Datasheet(PDF) 7 Page - Agere Systems

Part # ATTL7583DF
Description  Line Card Access Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

ATTL7583DF Datasheet(HTML) 7 Page - Agere Systems

Back Button ATTL7583DF Datasheet HTML 3Page - Agere Systems ATTL7583DF Datasheet HTML 4Page - Agere Systems ATTL7583DF Datasheet HTML 5Page - Agere Systems ATTL7583DF Datasheet HTML 6Page - Agere Systems ATTL7583DF Datasheet HTML 7Page - Agere Systems ATTL7583DF Datasheet HTML 8Page - Agere Systems ATTL7583DF Datasheet HTML 9Page - Agere Systems ATTL7583DF Datasheet HTML 10Page - Agere Systems ATTL7583DF Datasheet HTML 11Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Lucent Technologies Inc.
7
Data Sheet
February 2001
L7583A/B/C/D Line Card Access Switch
Electrical Characteristics (continued)
Table 9. Ring Return Switch, 7
* This parameter is not tested in production. Choice of secondary protector should ensure this rating is not exceeded.
† Applied voltage is 100 Vp-p square wave at 100 Hz.
Table 10. Ringing Access Switch, 8
* At the time of publication of this data sheet, the current device design will be a nominal 4 mA. Devices are being redesigned to reduce this
current to less than 2 mA nominally. Consult your Lucent Technologies Microelectronics Group account executive for additional details.
† Choice of secondary protector and series current-limit resistor should ensure these ratings are not exceeded.
‡ Applied voltage is 100 Vp-p square wave at 100 Hz.
Parameter
Test Condition
Measure Min Typ Max Unit
OFF-state Leakage
Current:
+25 °C
+85 °C
–40 °C
Vswitch (differential) = –320 V to Gnd
Vswitch (differential) = –60 V to +260 V
Vswitch (differential) = –330 V to Gnd
Vswitch (differential) = –60 V to +270 V
Vswitch (differential) = –310 V to Gnd
Vswitch (differential) = –60 V to +250 V
Iswitch
Iswitch
Iswitch
—
—
—
—
—
—
1
1
1
µA
µA
µA
dc Current Limit
Vswitch (on) = ±10 V
Iswitch
—
200
—
mA
Dynamic Current Limit
(t = <0.5 µs)
Break and loop switches in OFF state; ring return
switch ON; apply ±1000 V at 10/1000 µs pulse;
appropriate secondary protection in place
Iswitch
—
2.5
—
A
ON-resistance
Iswitch (on) = ±0 mA, ±10 mA
∆ VON
——
100
Ω
ON-state Voltage*
Iswitch = ILIMIT @ 50 Hz/60 Hz
VON
——
130
V
Isolation:
+25 °C
+85 °C
–40 °C
Vswitch (both poles) = ±320 V, Logic inputs = Gnd
Vswitch (both poles) = ±330 V, Logic inputs = Gnd
Vswitch (both poles) = ±310 V, Logic inputs = Gnd
Iswitch
Iswitch
Iswitch
—
—
—
—
—
—
1
1
1
µA
µA
µA
dV/dt Sensitivity†
——
—
200
—
V/µs
Parameter
Test Condition
Measure Min
Typ Max Unit
OFF-state Leakage
Current:
+25 °C
+85 °C
–40 °C
Vswitch (differential) = –255 V to +210 V
Vswitch (differential) = +255 V to –210 V
Vswitch (differential) = –270 V to +210 V
Vswitch (differential) = +270 V to –210 V
Vswitch (differential) = –245 V to +210 V
Vswitch (differential) = +245 V to –210 V
Iswitch
Iswitch
Iswitch
—
—
—
—
—
—
1
1
1
µA
µA
µA
ON Voltage
Iswitch (on) = ±1 mA
—
—
—
3
V
Ring Generator Cur-
rent During Ring
VCC = 5 V
INRING = 1
INTESTin = 0
INTESTout = 0
IRING-
SOURCE
—*
—
mA
Steady-state Current†
—
—
—
—
150
mA
Surge Current†
——
—
—
2
A
Release Current
—
—
—
500
—
µA
ON-resistance
Iswitch (on) = ±70 mA, ±80 mA
∆ VON
——
12
Ω
Isolation:
+25 °C
+85 °C
–40 °C
Vswitch (both poles) = ±320 V, Logic inputs = Gnd
Vswitch (both poles) = ±330 V, Logic inputs = Gnd
Vswitch (both poles) = ±310 V, Logic inputs = Gnd
Iswitch
Iswitch
Iswitch
—
—
—
—
—
—
1
1
1
µA
µA
µA
dV/dt Sensitivity‡
—
—
—
200
—
V/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com