Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUCL9500AGF-D Datasheet(PDF) 11 Page - Agere Systems

Part # LUCL9500AGF-D
Description  High-Voltage Ringing SLIC for VolP Applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LUCL9500AGF-D Datasheet(HTML) 11 Page - Agere Systems

Back Button LUCL9500AGF-D Datasheet HTML 7Page - Agere Systems LUCL9500AGF-D Datasheet HTML 8Page - Agere Systems LUCL9500AGF-D Datasheet HTML 9Page - Agere Systems LUCL9500AGF-D Datasheet HTML 10Page - Agere Systems LUCL9500AGF-D Datasheet HTML 11Page - Agere Systems LUCL9500AGF-D Datasheet HTML 12Page - Agere Systems LUCL9500AGF-D Datasheet HTML 13Page - Agere Systems LUCL9500AGF-D Datasheet HTML 14Page - Agere Systems LUCL9500AGF-D Datasheet HTML 15Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Preliminary Data Sheet
September 2001
High-Voltage Ringing SLIC for VoIP Applications
L9500A
Agere Systems Inc.
11
Absolute Maximum Ratings (@ TA = 25 °C)
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are abso-
lute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess
of those given in the operational sections of the data sheet. Exposure to absolute maximum ratings for extended
periods can adversely affect device reliability.
Note: The IC can be damaged unless all ground connections are applied before, and removed after, all other connections. Furthermore, when
powering the device, the user must guarantee that no external potential creates a voltage on any pin of the device that exceeds the
device ratings. For example, inductance in a supply lead could resonate with the supply filter capacitor to cause a destructive overvolt-
age.
Table 4. Recommended Operating Characteristics
Table 5. Thermal Characteristics
1. This parameter is not tested in production. It is guaranteed by design and device characterization.
2. Airflow, PCB board layers, and other factors can greatly affect this parameter.
Parameter
Symbol
Min
Max
Unit
dc Supply (VCC)
—
–0.5
7.0
V
Battery Supply (VBAT1)—
—
–80
V
Battery Supply (VBAT2)—
—
VBAT1
V
Logic Input Voltage
—
–0.5
VCC + 0.5
V
Logic Output Voltage
—
–0.5
VCC + 0.5
V
Operating Temperature Range
—
–40
125
°C
Storage Temperature Range
—
–40
150
°C
Relative Humidity Range
—
5
95
%
PT or PR Fault Voltage (dc)
VPT, VPR
VBAT – 5
3
V
PT or PR Fault Voltage (10 x 1000
µs)
VPT, VPR
VBAT – 15
15
V
Ground Potential Difference (BGND to AGND)
—
—
±1
V
Parameter
Min
Typ
Max
Unit
5 V dc Supplies (VCC)—
5.0
5.25
V
3 V dc Supplies (VCC)
3.13
3.3
—
V
High Office Battery Supply (VBAT1)
–60
–70
–75
V
Auxiliary Office Battery Supply (VBAT2)–12
—
VBAT1
V
Operating Temperature Range
–40
25
85
°C
Parameter
Min
Typ
Max
Unit
Thermal Protection Shutdown (Tjc)
150
165
—
°C
28 PLCC Thermal Resistance Junction to Ambient (
θJA)1, 2:
Natural Convection 2S2P Board
Natural Convection 2S0P Board
Wind Tunnel 100 Linear Feet per Minute (LFPM) 2S2P Board
Wind Tunnel 100 Linear Feet per Minute (LFPM) 2S0P Board
—
—
—
—
35.5
50.5
31.5
42.5
—
—
—
—
°C/W
°C/W
°C/W
°C/W
48 MLF Thermal Resistance Junction to Ambient (
θJA)1, 2:
—38
—
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com