Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUCL9500AGF-D Datasheet(PDF) 12 Page - Agere Systems

Part # LUCL9500AGF-D
Description  High-Voltage Ringing SLIC for VolP Applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LUCL9500AGF-D Datasheet(HTML) 12 Page - Agere Systems

Back Button LUCL9500AGF-D Datasheet HTML 8Page - Agere Systems LUCL9500AGF-D Datasheet HTML 9Page - Agere Systems LUCL9500AGF-D Datasheet HTML 10Page - Agere Systems LUCL9500AGF-D Datasheet HTML 11Page - Agere Systems LUCL9500AGF-D Datasheet HTML 12Page - Agere Systems LUCL9500AGF-D Datasheet HTML 13Page - Agere Systems LUCL9500AGF-D Datasheet HTML 14Page - Agere Systems LUCL9500AGF-D Datasheet HTML 15Page - Agere Systems LUCL9500AGF-D Datasheet HTML 16Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
Preliminary Data Sheet
September 2001
High-Voltage Ringing SLIC for VoIP Applications
L9500A
12
Agere Systems Inc.
Electrical Characteristics
Table 6. Environmental
1. Not to exceed 26 grams of water per kilogram of dry air.
Table 7. 5 V Supply Currents
VBAT1 = –70 V, VBAT2 = –21 V, VCC = 5 V.
Table 8. 5 V Powering
VBAT1 = –70 V, VBAT2 = –21 V, VCC = 5 V.
Parameter
Min
Typ
Max
Unit
Temperature Range
–40
—
85
°C
Humidity Range1
5—
951
%RH
Parameter
Min
Typ
Max
Unit
Supply Currents (scan state; no loop current):
IVCC
IVBAT1
IVBAT2
—
—
—
4.30
0.24
3
4.80
0.35
6
mA
mA
µA
Supply Currents (forward/reverse active; no loop current, with or without PPM,
VBAT2 applied):
IVCC
IVBAT1
IVBAT2
—
—
—
5.95
25
1.2
7.0
85
1.40
mA
µA
mA
Supply Currents (on-hook transmission mode; no loop current, with or without
PPM, VBAT1 applied):
IVCC
IVBAT1
IVBAT2
—
—
—
6.0
1.5
1.5
7.0
1.9
6
mA
mA
µA
Supply Currents (disconnect mode):
IVCC
IVBAT1
IVBAT2
—
—
—
2.7
15
3.5
3.75
110
25
mA
µA
µA
Supply Currents (ground start mode, no loop current):
IVCC
IVBAT1
IVBAT2
—
—
—
4.0
0.24
2
—
—
—
mA
mA
µA
Supply Currents (ring mode; no load):
IVCC
IVBAT1
IVBAT2
—
—
—
5.9
1.8
2
6.5
2.2
6
mA
mA
µA
Parameter
Min
Typ
Max
Unit
Power Dissipation (scan state; no loop current)
—
38
46
mW
Power Dissipation (forward/reverse active; no loop current, VBAT2 applied)
—
57
64
mW
Power Dissipation (on-hook transmission mode; no loop current, VBAT1 applied)
—
135
165
mW
Power Dissipation (disconnect mode)
—
14
23
mW
Power Dissipation (ground start mode)
—
37
—
mW
Power Dissipation (ring mode; no load)
—
156
184
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com