Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF7N02Z Datasheet(PDF) 1 Page - Motorola, Inc

Part # MMDF7N02Z
Description  DUAL TMOS POWER MOSFET 7.0 AMPERES 20 VOLTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMDF7N02Z Datasheet(HTML) 1 Page - Motorola, Inc

  MMDF7N02Z Datasheet HTML 1Page - Motorola, Inc MMDF7N02Z Datasheet HTML 2Page - Motorola, Inc MMDF7N02Z Datasheet HTML 3Page - Motorola, Inc MMDF7N02Z Datasheet HTML 4Page - Motorola, Inc MMDF7N02Z Datasheet HTML 5Page - Motorola, Inc MMDF7N02Z Datasheet HTML 6Page - Motorola, Inc MMDF7N02Z Datasheet HTML 7Page - Motorola, Inc MMDF7N02Z Datasheet HTML 8Page - Motorola, Inc MMDF7N02Z Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Motorola TMOS Power MOSFET Transistor Device Data
Advance Information
Medium Power Surface Mount Products
TMOS Dual N-Channel with
Monolithic Zener ESD Protected Gate
EZFETs
™ are an advanced series of power MOSFETs which
utilize Motorola’s High Cell Density TMOS process and contain
monolithic back–to–back zener diodes. These zener diodes
provide protection against ESD and unexpected transients. These
miniature surface mount MOSFETs feature ultra low RDS(on) and
true logic level performance. They are capable of withstanding high
energy in the avalanche and commutation modes and the
drain–to–source diode has a very low reverse recovery time.
EZFET devices are designed for use in low voltage, high speed
switching applications where power efficiency is important. Typical
applications are dc–dc converters, and power management in
portable and battery powered products such as computers,
printers, cellular and cordless phones. They can also be used for
low voltage motor controls in mass storage products such as disk
drives and tape drives.
• Zener Protected Gates Provide Electrostatic Discharge Protection
• Designed to Withstand 200 V Machine Model and 2000 V Human Body Model
• Ultra Low RDS(on) Provides Higher Efficiency and Extends Battery Life
• Logic Level Gate Drive — Can Be Driven by Logic ICs
• Miniature SO–8 Surface Mount Package — Saves Board Space
• Diode Is Characterized for Use In Bridge Circuits
• Diode Exhibits High Speed, With Soft Recovery
• IDSS Specified at Elevated Temperature
• Mounting Information for SO–8 Package Provided
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Max
Unit
Drain–to–Source Voltage
VDSS
20
Vdc
Drain–to–Gate Voltage (RGS = 1.0 MΩ)
VDGR
20
Vdc
Gate–to–Source Voltage — Continuous
VGS
± 12
Vdc
Drain Current — Continuous @ TA = 25°C (1)
Drain Current — Continuous @ TA = 70°C (1)
Drain Current — Pulsed Drain Current (3)
ID
ID
IDM
7.0
4.6
35
Adc
Total Power Dissipation @ TA = 25°C (1)
Linear Derating Factor @ TA = 25°C (1)
PD
2.0
16
Watts
mW/
°C
Total Power Dissipation @ TA = 25°C (2)
Linear Derating Factor @ TA = 25°C (2)
PD
1.39
11.11
Watts
mW/
°C
Operating and Storage Temperature Range
TJ, Tstg
– 55 to 150
°C
THERMAL RESISTANCE
Parameter
Symbol
Typ
Max
Unit
Junction–to–Ambient (1)
Junction–to–Ambient (2)
RqJA
—
—
62.5
90
°C/W
(1) When mounted on 1” square FR4 or G–10 board (VGS = 10 V, @ 10 seconds).
(2) When mounted on minimum recommended FR4 or G–10 board (VGS = 10 V, @ Steady State).
(3) Repetitive rating; pulse width limited by maximum junction temperature.
DEVICE MARKING
ORDERING INFORMATION
D7N02Z
Device
Reel Size
Tape Width
Quantity
D7N02Z
MMDF7N02ZR2
13
″
12 mm embossed tape
2500 units
This document contains information on a new product. Specifications and information herein are subject to change without notice.
HDTMOS is a trademark of Motorola, Inc. TMOS is a registered trademark of Motorola, Inc.
Thermal Clad is a trademark of the Bergquist Company.
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by MMDF7N02Z/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1997
Source–1
1
2
3
4
8
7
6
5
Top View
Gate–1
Source–2
Gate–2
Drain–1
Drain–1
Drain–2
Drain–2
D
S
G
CASE 751–05, Style 11
SO–8
MMDF7N02Z
DUAL TMOS
POWER MOSFET
7.0 AMPERES
20 VOLTS
RDS(on) = 27 mW
Motorola Preferred Device
™


Similar Part No. - MMDF7N02Z

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMDF7N02Z ONSEMI-MMDF7N02Z Datasheet
256Kb / 12P
N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
MMDF7N02ZR2 ONSEMI-MMDF7N02ZR2 Datasheet
256Kb / 12P
Power MOSFET 7 Amps, 20 Volts N?묬hannel SO??, Dual
September, 2004?뭃ev. XXX
MMDF7N02ZR2 ONSEMI-MMDF7N02ZR2 Datasheet
256Kb / 12P
N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
More results

Similar Description - MMDF7N02Z

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMDF2P02HD MOTOROLA-MMDF2P02HD Datasheet
257Kb / 10P
DUAL TMOS POWER FET 2.0 AMPERES 20 VOLTS
MMDF3200Z MOTOROLA-MMDF3200Z Datasheet
86Kb / 4P
DUAL TMOS POWER MOSFET 11.5 AMPERES 20 VOLTS
MMDF3207 MOTOROLA-MMDF3207 Datasheet
84Kb / 4P
DUAL TMOS POWER MOSFET 7.8 AMPERES 20 VOLTS
MMDF3N02HD MOTOROLA-MMDF3N02HD Datasheet
297Kb / 10P
DUAL TMOS POWER MOSFET 3.0 AMPERES 20 VOLTS
MMDF4N01HD MOTOROLA-MMDF4N01HD Datasheet
281Kb / 10P
DUAL TMOS POWER MOSFET 4.0 AMPERES 20 VOLTS
MMDF5N02Z MOTOROLA-MMDF5N02Z Datasheet
186Kb / 10P
DUAL TMOS POWER MOSFET 5.0 AMPERES 20 VOLTS
MMDF6N02HD MOTOROLA-MMDF6N02HD Datasheet
193Kb / 10P
DUAL TMOS POWER MOSFET 6.0 AMPERES 20 VOLTS
MMSF3205 MOTOROLA-MMSF3205 Datasheet
106Kb / 6P
SINGLE TMOS POWER MOSFET 11 AMPERES 20 VOLTS
MMSF4N01HD MOTOROLA-MMSF4N01HD Datasheet
285Kb / 10P
TMOS MOSFET 5.8 AMPERES 20 VOLTS
MMSF5N02HD MOTOROLA-MMSF5N02HD Datasheet
293Kb / 10P
SINGLE TMOS POWER MOSFET 5.0 AMPERES 20 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com