Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF7N02Z Datasheet(PDF) 3 Page - Motorola, Inc

Part # MMDF7N02Z
Description  DUAL TMOS POWER MOSFET 7.0 AMPERES 20 VOLTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMDF7N02Z Datasheet(HTML) 3 Page - Motorola, Inc

  MMDF7N02Z Datasheet HTML 1Page - Motorola, Inc MMDF7N02Z Datasheet HTML 2Page - Motorola, Inc MMDF7N02Z Datasheet HTML 3Page - Motorola, Inc MMDF7N02Z Datasheet HTML 4Page - Motorola, Inc MMDF7N02Z Datasheet HTML 5Page - Motorola, Inc MMDF7N02Z Datasheet HTML 6Page - Motorola, Inc MMDF7N02Z Datasheet HTML 7Page - Motorola, Inc MMDF7N02Z Datasheet HTML 8Page - Motorola, Inc MMDF7N02Z Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MMDF7N02Z
3
Motorola TMOS Power MOSFET Transistor Device Data
TYPICAL ELECTRICAL CHARACTERISTICS
0
6.0
12
15
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 1. On–Region Characteristics
0
0.5
1.0
0
6.0
12
15
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
Figure 2. Transfer Characteristics
0
2.0
4.0
10
0.01
0.04
0.06
0
2.0
4.0
6.0
8.0
12
0.05
0.04
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
Figure 3. On–Resistance versus
Drain Current
ID, DRAIN CURRENT (AMPS)
Figure 4. On–Resistance versus Drain Current
and Gate Voltage
1.5
2.0
0
4.0
20
1.0
100
10,000
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. On–Resistance Variation with
Temperature
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 6. Drain–To–Source Leakage
Current versus Voltage
VDS ≥ 10 V
TJ = 100°C
25
°C
–55
°C
TJ = 25°C
VGS = 0 V
ID = 7.0 A
TJ = 25°C
VGS = 2.7 V
VGS = 4.5 V
ID = 3.5 A
1.5
2.0
2.5
6.0
8.0
10
4.5 V
– 50
– 25
0
25
50
75
100
125
150
TJ = 125°C
1.0
10
8.0
25
°C
100
°C
0
0.5
1.0
1.5
2.0
3.0
10 V
1.9 V
VGS = 1.7 V
2.3 V
4.5 V
TJ = 25°C
9.0
3.0
9.0
0.03
0.02
0.05
0.01
0.02
0.03
0
0.5
0
0.1
12
2.1 V
1000
16



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com