Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWFB07 Datasheet(PDF) 7 Page - Seoul Semiconductor

Part # SWFB07
Description  Side View LED of Reflector type
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWFB07 Datasheet(HTML) 7 Page - Seoul Semiconductor

Back Button SWFB07 Datasheet HTML 3Page - Seoul Semiconductor SWFB07 Datasheet HTML 4Page - Seoul Semiconductor SWFB07 Datasheet HTML 5Page - Seoul Semiconductor SWFB07 Datasheet HTML 6Page - Seoul Semiconductor SWFB07 Datasheet HTML 7Page - Seoul Semiconductor SWFB07 Datasheet HTML 8Page - Seoul Semiconductor SWFB07 Datasheet HTML 9Page - Seoul Semiconductor SWFB07 Datasheet HTML 10Page - Seoul Semiconductor SWFB07 Datasheet HTML 11Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
APCPCWM_4828539:WP_0000001WP_0000001
Rev. 01
Rev. 01
December. 2012
December. 2012
www.acrich.com
www.acrich.com
Document No. : SSC-QP-7-07-18 (Rev.00) 공통_을
[
[7
7 /17]
/17]
Forward Voltage vs. Ambient Temperature
Relative Luminosity
vs. Ambient Temperature
Color Coordinate vs. Ambient Temperature
Spectrum
400
500
600
700
800
0
1
Ta = 25
OC
IF = 20 mA
Wavelength [nm]
-40
-20
0
20
40
60
80
100
0.85
0.90
0.95
1.00
1.05
1.10
1.15
I
F = 20 mA
Ambient Temprature [
oC]
-40
-20
0
20
40
60
80
100
0.96
0.98
1.00
1.02
1.04
I
F = 20 mA
Ambient Temprature [
oC]
0.32
0.33
0.34
0.35
0.36
0.315
0.320
0.325
0.330
0.335
0.340
0.345
0.350
50
oC
25
oC
0
oC
-30
oC
I
F = 20 mA
x Coord.
85
oC
Color coordinate x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com