Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWFB07 Datasheet(PDF) 5 Page - Seoul Semiconductor

Part # SWFB07
Description  Side View LED of Reflector type
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWFB07 Datasheet(HTML) 5 Page - Seoul Semiconductor

  SWFB07 Datasheet HTML 1Page - Seoul Semiconductor SWFB07 Datasheet HTML 2Page - Seoul Semiconductor SWFB07 Datasheet HTML 3Page - Seoul Semiconductor SWFB07 Datasheet HTML 4Page - Seoul Semiconductor SWFB07 Datasheet HTML 5Page - Seoul Semiconductor SWFB07 Datasheet HTML 6Page - Seoul Semiconductor SWFB07 Datasheet HTML 7Page - Seoul Semiconductor SWFB07 Datasheet HTML 8Page - Seoul Semiconductor SWFB07 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
APCPCWM_4828539:WP_0000001WP_0000001
Rev. 01
Rev. 01
December. 2012
December. 2012
www.acrich.com
www.acrich.com
Document No. : SSC-QP-7-07-18 (Rev.00) 공통_을
[
[5
5 /17]
/17]
2. Absolute maximum ratings
Parameter
Symbol
Value
Unit
Power Dissipation
P
d
*1
93
mW
Forward Current
I
F
30
mA
Peak Forward Current
I
FM
*2
100
mA
Reverse Voltage
V
R
5
V
Operating Temperature
T
opr
-30 ~ +85
ºC
Storage Temperature
T
stg
-40 ~ +100
ºC
Junction Temperature
Tj max
105
ºC
*1 Care is to be taken that power dissipation does not exceed the absolute maximum rating of the product.
*2 1/10 Duty Cycle @ 1kHz.
3. Electro-Optical characteristics
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Forward Voltage*1
Rank Z26
V
F
I
F =20mA
2.6
-
2.8
V
Rank Z28
2.8
-
3.0
Rank z26
2.6
-
3.0
Reverse Current
I
R
V
R=5V
-
-
50
A
Luminous
Intensity*2
Rank S22H
I
V
I
F =20mA
2200
-
2300
mcd
Rank S23H
2300
-
2400
Rank S24H
2400
-
2500
Rank S25H
2500
-
2600
Rank S26H
2600
-
2700
Rank S27H
2700
-
2800
Rank S28H
2800
-
2900
Viewing Angle *3
2
½
I
F =20mA
120
deg.
(Ta = 25℃)
(Ta = 25℃)
*1 The forward Voltage Measurement allowance is ±0.1V.
*2 The luminous intensity I
V is measured at the peak of the spatial pattern which may not be aligned with
the mechanical axis of
the LED package. Luminous Intensity Measurement allowance is ±10%.
*3
1/2 is the off-axis where the luminous intensity is 1/2 of the peak intensity.
* The Preliminary color coordinate can be changed without notice.
• Note : All products confirm to the listed minimum and maximum specifications for electric and optical characteristics,
when operated at 20mA within the maximum ratings shown above.
All measurements were made under the standardized environment of Seoul Semiconductor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com