Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LU6612 Datasheet(PDF) 21 Page - Agere Systems

Part # LU6612
Description  LU6612 FASTCAT TM Single-FET for 10Base-T/100Base-TX
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LU6612 Datasheet(HTML) 21 Page - Agere Systems

Back Button LU6612 Datasheet HTML 17Page - Agere Systems LU6612 Datasheet HTML 18Page - Agere Systems LU6612 Datasheet HTML 19Page - Agere Systems LU6612 Datasheet HTML 20Page - Agere Systems LU6612 Datasheet HTML 21Page - Agere Systems LU6612 Datasheet HTML 22Page - Agere Systems LU6612 Datasheet HTML 23Page - Agere Systems LU6612 Datasheet HTML 24Page - Agere Systems LU6612 Datasheet HTML 25Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Lucent Technologies Inc.
21
Data Sheet
LU6612
July 2000
FASTCAT Single-FET for 10Base-T/100Base-TX
MII Station Management (continued)
Table 18. MR29—Device-Specific Register 2 (100 Mbits/s Control) Bit Descriptions
1. Note that the format for the pin descriptions is as follows: the first number is the register number, the second number is the bit position in the
register, and the name of the instantiated pad is in capital letters.
2. R = read, W = write.
Bit1
Type2
Description
29.15 (LOCALRST)
R/W
Management Reset. This is the local management reset bit. Writing a logic 1 to
this bit will cause the lower 16 registers and registers 28 and 29 to be reset to
their default values. This bit is self-clearing. The default is 0.
29.14 (RST1)
R/W
Generic Reset 1. This register is used for manufacture test only. The default is 0.
29.13 (RST2)
R/W
Generic Reset 2. This register is used for manufacture test only. The default is 0.
29.12 (100OFF)
R/W
100 Mbits/s Transmitter Off. When this bit is set to 0, it forces RX low and RY
high. This bit defaults to 1.
29.11
R/W
Reserved. Program to zero.
29.10 (CRS_SEL)
R/W
Carrier Sense Select. CRS will be asserted on receive only when this bit is set to
a 1. If this bit is set to logic 0, CRS will be asserted on receive or transmit. The
default is 0.
29.9 (LINK_ERR)
R/W
Link Error Indication. When this bit is a 1, a link error code will be reported on
RXD[3:0] of the LU6612 when RX_ER is asserted on the MII. The specific error
codes are listed in the RXD pin description. If it is 0, it will disable this function.
The default is 0.
29.8 (PKT_ERR)
R/W
Packet Error Indication Enable. When this bit is a 1, a packet error code, which
indicates that the scrambler is not locked, will be reported on RXD[3:0] of the
LU6612 when RX_ER is asserted on the MII. When this bit is 0, it will disable this
function. The default is 0.
29.7 (RESERVED)
R/W
Reserved. This bit must remain as a zero. The default is 0.
29.6 (EDB)
R/W
Encoder/Decoder Bypass. When this bit is set to 1, the 4B/5B encoder and
5B/4B decoder function will be disabled. The default is a zero. At powerup/reset, if
PCSEN
is strapped low, then this bit is set to a 1. The default is 0.
29.5 (SAB)
R/W
Symbol Aligner Bypass. When this bit is set to 1, the aligner function will be dis-
abled. The default is 0.
29.4 (SDB)
R/W
Scrambler/Descrambler Bypass. When this bit is set to 1, the scrambling/
descrambling functions will be disabled. The default is a zero. At powerup/reset, if
PCSEN
is strapped low, then this bit is set to a 1. The default is 0.
29.3 (CARIN_EN)
R/W
Carrier Integrity Enable. When this bit is set to a 1, carrier integrity is enabled.
(This function is not supported by QS6611.) The default is 0.
29.2 (JAM_COL)
R/W
Jam Enable. When this bit is a 1, it enables JAM associated with carrier integrity
to be ORed with COL. The default is 0.
29.1 (RESERVED)
R/W
Reserved. This bit must remain as a zero. The default is 0.
29.0 (RESERVED)
R/W
Reserved. This bit must remain as a zero. The default is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com