Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE33232 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE33232
Description  N Male N Male Precision Cable Using 150 series Coax RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE33232 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE33232 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE33232 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE33232 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE33232 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Mechanical Specifications
Cable Assembly
Cable Type
150 Series
Temperature
Temperature Operating Range, deg C
-55 to +205
.
One Time Minimum Bend Radius, in [mm]
1 [25.4]
Cable
Center Conductor Type
Solid
Cable Inner Conductor
Copper Clad Steel, Silver
No of Shields
1
Dielectric Type
PTFE
Jacket Material
FEP
Jacket Diameter, in [mm]
0.15 [3.81]
Connector 1
Type
N Male
Configuration
Straight
Inner Conductor Material and Plating
Gold
Outer Conductor Material and Plating
Passivated Stainless Steel
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
PTFE
Connector 2
Type
N Male
Configuration
Straight
Inner Conductor Material and Plating
Gold
Outer Conductor Material and Plating
Passivated Stainless Steel
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
PE33232 REV
PE33232
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to N Male Precision Cable Using 150 Series Coax, RoHS PE33232
N Male to N Male Precision Cable Using 150 Series Coax, RoHS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com