Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE33232 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE33232
Description  N Male N Male Precision Cable Using 150 series Coax RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE33232 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE33232 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE33232 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE33232 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE33232 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
N Male to N Male Precision Cable Using 150 Series Coax, RoHS
Configuration
Connector 1
N Male
Connector 2
N Male
Cable Type
150 Series
Electrical Specifications
Frequency Range, GHz
DC to 18
Impedance, Ohms
50
Maximum VSWR
1.4:1
Velocity of Propagation, %
69.5
RF Shielding, dB
90
Maximum Operating Voltage, Vrms
1,900
Typical Performance by Frequency
Frequency 1
Frequency, GHz
2
VSWR
1.12:1
Insertion Loss
0.22 dB/ft [ 0.72 dB/m ]
Frequency 2
Frequency, GHz
6
VSWR
1.11:1
Insertion Loss
0.32 dB/ft [ 1.05 dB/m ]
Frequency 3
Frequency, GHz
10
VSWR
1.14:1
Insertion Loss
0.43 dB/ft [ 1.41 dB/m ]
Frequency 4
Frequency, GHz
14
VSWR
1.19:1
Insertion Loss
0.54 dB/ft [ 1.77 dB/m ]
Frequency 5
Frequency, GHz
18
VSWR
1.24:1
Insertion Loss
0.65 dB/ft [ 2.13 dB/m ]
Electrical Specification Notes:
Short lengths up to 24” long may exhibit VSWR
measurements up to 9% higher.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to N Male Precision Cable Using 150 Series Coax, RoHS PE33232
PE33232 REV
PE33232
N Male to N Male Precision Cable Using 150 Series Coax, RoHS


Similar Part No. - PE33232

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE33232-12 PASTERNACK-PE33232-12 Datasheet
270Kb / 4P
N Male to N Male Precision Cable 12 Inch Length Using 150 Series Coax, RoHS
PE33232-18 PASTERNACK-PE33232-18 Datasheet
271Kb / 4P
N Male to N Male Precision Cable 18 Inch Length Using 150 Series Coax, RoHS
PE33232-24 PASTERNACK-PE33232-24 Datasheet
270Kb / 4P
N Male to N Male Precision Cable 24 Inch Length Using 150 Series Coax, RoHS
PE33232-30 PASTERNACK-PE33232-30 Datasheet
271Kb / 4P
N Male to N Male Precision Cable 30 Inch
PE33232-36 PASTERNACK-PE33232-36 Datasheet
271Kb / 4P
N Male to N Male Precision Cable 36 Inch Length Using 150 Series Coax, RoHS
More results

Similar Description - PE33232

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE33232-6 PASTERNACK-PE33232-6 Datasheet
271Kb / 4P
N Male to N Male Precision Cable 6 Inch Length Using 150 Series Coax, RoHS
PE33232-12 PASTERNACK-PE33232-12 Datasheet
270Kb / 4P
N Male to N Male Precision Cable 12 Inch Length Using 150 Series Coax, RoHS
PE33232-18 PASTERNACK-PE33232-18 Datasheet
271Kb / 4P
N Male to N Male Precision Cable 18 Inch Length Using 150 Series Coax, RoHS
PE33232-24 PASTERNACK-PE33232-24 Datasheet
270Kb / 4P
N Male to N Male Precision Cable 24 Inch Length Using 150 Series Coax, RoHS
PE33232-36 PASTERNACK-PE33232-36 Datasheet
271Kb / 4P
N Male to N Male Precision Cable 36 Inch Length Using 150 Series Coax, RoHS
PE33232-48 PASTERNACK-PE33232-48 Datasheet
263Kb / 4P
N Male to N Male Precision Cable 48 Inch Length Using 150 Series Coax, RoHS
PE33232-72 PASTERNACK-PE33232-72 Datasheet
271Kb / 4P
N Male to N Male Precision Cable 72 Inch Length Using 150 Series Coax, RoHS
PE33231 PASTERNACK-PE33231 Datasheet
271Kb / 4P
SMA Male to N Male Precision Cable Using 150 Series Coax, RoHS
PE35952 PASTERNACK-PE35952 Datasheet
231Kb / 3P
N Male to N Female Bulkhead Precision Cable Using 150 Series Coax, RoHS
PE33232-60 PASTERNACK-PE33232-60 Datasheet
271Kb / 4P
N Male to N Male Precision Cable 60 Inch Length Using 150 Series Coax, RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com