Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP80NF70 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STP80NF70
Description  N-channel 68 V, 0.0082 Ω, 98 A, TO-220 STripFET™II Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP80NF70 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STP80NF70 Datasheet HTML 3Page - STMicroelectronics STP80NF70 Datasheet HTML 4Page - STMicroelectronics STP80NF70 Datasheet HTML 5Page - STMicroelectronics STP80NF70 Datasheet HTML 6Page - STMicroelectronics STP80NF70 Datasheet HTML 7Page - STMicroelectronics STP80NF70 Datasheet HTML 8Page - STMicroelectronics STP80NF70 Datasheet HTML 9Page - STMicroelectronics STP80NF70 Datasheet HTML 10Page - STMicroelectronics STP80NF70 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
STP80NF70
Electrical characteristics
Doc ID 17610 Rev 1
7/13
Figure 6.
Normalized BVDSS vs temperature
Figure 7.
Static drain-source on resistance
Figure 8.
Gate charge vs gate-source voltage Figure 9.
Capacitance variations
Figure 10.
Normalized gate threshold voltage
vs temperature
Figure 11.
Normalized on resistance vs
temperature
VBR(DSS)
-50
50
TJ(°C)
(norm)
0
100
0.8
0.9
1.0
1.1
1.2
VGS=0
ID=250µA
AM00957v1
RDS(on)
0
ID(A)
(m
Ω)
20
7
7.5
8
9
8.5
9.5
40
60
80
AM00951v1
VGS
0
Qg(nC)
(V)
20
0
2
4
8
6
10
40
60
80
12
VDD=34V
ID=80A
AM00952v1
C(pF)
0
Qg(nC)
10
0
1000
2000
4000
3000
5000
20
30
40
50
60
Ciss
Coss
Crss
TJ=25°C
f=1MHz
AM00953v1
VGS(th)
-50
50
TJ(°C)
(norm)
0
100
0.6
0.7
0.8
0.9
1.0
VDS=VGS
ID=250µA
AM00954v1
RDS(on)
-50
50
TJ(°C)
(norm)
0
100
0.2
0.6
1.0
1.4
1.8
VGS=10V
ID=40A
AM00955v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com