Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP80NF70 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP80NF70
Description  N-channel 68 V, 0.0082 Ω, 98 A, TO-220 STripFET™II Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP80NF70 Datasheet(HTML) 3 Page - STMicroelectronics

  STP80NF70 Datasheet HTML 1Page - STMicroelectronics STP80NF70 Datasheet HTML 2Page - STMicroelectronics STP80NF70 Datasheet HTML 3Page - STMicroelectronics STP80NF70 Datasheet HTML 4Page - STMicroelectronics STP80NF70 Datasheet HTML 5Page - STMicroelectronics STP80NF70 Datasheet HTML 6Page - STMicroelectronics STP80NF70 Datasheet HTML 7Page - STMicroelectronics STP80NF70 Datasheet HTML 8Page - STMicroelectronics STP80NF70 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
STP80NF70
Electrical ratings
Doc ID 17610 Rev 1
3/13
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS = 0)
68
V
VGS
Gate-source voltage
± 20
V
ID
Drain current (continuous) at TC = 25 °C
98
A
ID
Drain current (continuous) at TC=100 °C
68
A
IDM
(1)
1.
Pulse width limited by safe operating area.
Drain current (pulsed)
392
A
PTOT
Total dissipation at TC = 25 °C
190
W
Derating factor
1.27
W/°C
dv/dt (2)
2.
ISD ≤ 80 A, di/dt ≤ 300 A/µs, VDD ≤ V(BR)DSS, TJ ≤ TJMAX.
Peak diode recovery voltage slope
13
V/ns
EAS
(3)
3.
Starting TJ = 25
oC, I
D = 40 A, VDD = 34 V.
Single pulse avalanche energy
700
mJ
Tstg
Storage temperature
-55 to 175
°C
TJ
Operating junction temperature
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case max
0.79
°C/W
Rthj-amb
Thermal resistance junction-ambient max
62.5
°C/W
Tl
Maximum lead temperature for soldering
purpose(1)
1.
1.6 mm from case for 10 sec.
300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com