Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLZ2012E4R7MT Datasheet(PDF) 3 Page - TDK Electronics

Part # MLZ2012E4R7MT
Description  Inductors for Decoupling Circuits
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLZ2012E4R7MT Datasheet(HTML) 3 Page - TDK Electronics

  MLZ2012E4R7MT Datasheet HTML 1Page - TDK Electronics MLZ2012E4R7MT Datasheet HTML 2Page - TDK Electronics MLZ2012E4R7MT Datasheet HTML 3Page - TDK Electronics MLZ2012E4R7MT Datasheet HTML 4Page - TDK Electronics MLZ2012E4R7MT Datasheet HTML 5Page - TDK Electronics MLZ2012E4R7MT Datasheet HTML 6Page - TDK Electronics MLZ2012E4R7MT Datasheet HTML 7Page - TDK Electronics MLZ2012E4R7MT Datasheet HTML 8Page - TDK Electronics MLZ2012E4R7MT Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
• All specifications are subject to change without notice.
(2/10)
002-06 / 20120514 / e533_mlz
SHAPES AND DIMENSIONS/RECOMMENDED PC BOARD PATTERN
ELECTRICAL CHARACTERISTICS
1 Current assumed when inductance ratio has decreased by 50% max..
2 Current assumed when temperature has risen to 20°C max. (reference value). The maximum operating temperature at this time is 105°C.
• Test equipment
Inductance: Ag-4294A+16034G
TYPICAL ELECTRICAL CHARACTERISTICS
INDUCTANCE vs. FREQUENCY CHARACTERISTICS
INDUCTANCE CHANGE vs. DC SUPERPOSITION
CHARACTERISTICS
IMPEDANCE vs. FREQUENCY CHARACTERISTICS
TEMPERATURE CHARACTERISTICS
Classification
Part No.
Inductance
(µH)
Inductance
tolerance
Test
frequency
L (MHz)
Test
current
L (mA)
Self-resonant
frequency
(MHz)typ.
DC
resistance
(
 )±30%
Rated
current1
(mA)
Rated
current2
(mA)
IDC-UP
MLZ1005MR47WT
0.47
±20%
2
0.1
260
0.20
120
500
MLZ1005MR68WT
0.68
±20%
2
0.1
210
0.30
110
450
MLZ1005M1R0WT
1.00
±20%
2
0.1
170
0.35
100
450
MLZ1005M1R5WT
1.50
±20%
2
0.1
140
0.50
80
350
MLZ1005M2R2WT
2.20
±20%
2
0.1
120
0.55
60
350
1.0±0.05
0.1min.
0.1min.
Weight: 1.2mg
0.4 0.5
0.5
Dimensions in mm
1
10
100
1000
Frequency(MHz)
10
1
0.01
0.1
M2R2W
M1R5W
M1R0W
MR68W
MR47W
E4991A+16192A
1
10
100
1000
DC current(mA)
10
1
0.1
M2R2W
M1R5W
M1R0W
MR68W
MR47W
10000
1000
100
1
10
1
10
100
1000
Frequency(MHz)
M2R2W
M1R5W
M1R0W
MR68W
MR47W
E4991A+16192A
0
200
400
600
800
1000
DC current(mA)
60
50
40
0
30
20
10
M1R5W
M1R0W
MR68W
MR47W
M2R2W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com